Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT-90-R-F75-HN100 Datasheet(PDF) 7 Page - Luminus, Inc

Part # SBT-90-R-F75-HN100
Description  LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBT-90-R-F75-HN100 Datasheet(HTML) 7 Page - Luminus, Inc

Back Button SBT-90-R-F75-HN100 Datasheet HTML 3Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 4Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 5Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 6Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 7Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 8Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 9Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 10Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 11Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
PDS-001540 Rev 17
© 2022 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
Device Characteristics - SBT-90-R
Red
Drive Condition2
13.5 A
Parameter
Symbol
Values3
Unit
Current Density
j
1.5
A/mm2
Forward Voltage
V
F min
2.3
V
V
F
2.7
V
V
F max
3.6
V
Luminous Flux4
Φ
V typ
1350
lm
Dominant Wavelength5
λ
d
620
nm
FWHM
Δλ
1/2
18
nm
Chromaticity Coordinates6,7
x
0.695
-
y
0.305
-
Relative Luminous Flux vs. Forward Current1
Forward Current vs. Forward Voltage
Note 1: All ratings are based on a junction test temperature T
j = 25°C. See Thermal Resistance section for Tj definition.
Note 2: Listed drive conditions are typical for common applications. SBT-90 devices can be driven at currents ranging from <1 A to
13.5 A and at duty cycles ranging from 1% to 100%. Drive current and duty cycle should be adjusted as necessary to maintain the junction
temperature desired to meet application lifetime requirements.
Note 3:
Unless otherwise noted, values listed are typical. Devices are production tested and specified at 13.5 A. Other values are for reference only.
Note 4: Total flux from emitting area at listed dominant wavelength. Reported performance is included to show trends for a selected power level.
For specific minimum and maximum values, use bin tables. For product roadmap and future performance of devices, contact Luminus.
Note 5: Minimum and Maximum Dominant Wavelengths are based on typical values +/- 5nm for Red.
Note 6: In CIE 1931 chromaticity diagram coordinates, normalized to X+Y+Z=1.
Note 7: For reference only.
SBT-90-R/W Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com