Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT-90-R-F75-HN100 Datasheet(PDF) 13 Page - Luminus, Inc

Part # SBT-90-R-F75-HN100
Description  LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBT-90-R-F75-HN100 Datasheet(HTML) 13 Page - Luminus, Inc

Back Button SBT-90-R-F75-HN100 Datasheet HTML 6Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 7Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 8Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 9Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 10Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 11Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 12Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 13Page - Luminus, Inc SBT-90-R-F75-HN100 Datasheet HTML 14Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Soldering Profile
13
PDS-001540 Rev 17
© 2022 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SBT-90-R/W Product Datasheet
Note 1: Product complies to Moisture Sensitivity Level 1 (MSL 1).
Note 2: The numbers in the table are specific to SAC305. Luminus recommends using an SAC305 solder paste with a no-clean flux for RoHS compliant
products.
Note 3: During the pick and place process, axial forces on the dome (or window) should not exceed 0.5 Newtons (N).
Note 4: Use of a multi-zone IR reflow oven with a nitrogen blanket is recommended.
Note 5: Time-temperature profile of the reflow process showing the four functional profile zones are defined in IPC-7801. Temperature is referenced
to the center of the PCB.
Note 6: Luminus recommends to use the solder paste data sheet information as a starting point in time-temperature process development.
Note 7: Vapor phase soldering is not recommended as the package is not hermetic.
Note 8: These are general guidelines. Consult the solder paste manufacturer’s datasheet for guidelines specific to the alloy and flux combination used
in your application. For more information, please refer to:
https://luminusdevices.zendesk.com/hc/en-us/articles/360060306692-How-do-I-Reflow-Solder-Luminus-SMD-Components-
Note 9: For any technical questions about soldering process, please contact Luminus at techsupport@luminus.com.
SMT Rework Guideline
Manual Hotplate Reflow
Hot Air Gun Reflow
Heating Time
< 60 sec
Hotplate Temperature
< 245°C
< 150°C
Time
Preheat
RT to 150°C
1 - 2.5°C/sec
Soak
150°C to 180°C
0.4 - 1°C/sec
Reflow
180 to TL + 20°C
3 - 6°C/sec
Cool down
Peak to below 150°C
3 - 7°C/sec
Liquidus Temperature, TL (SAC305 = 220°C)
Peak Temperature (235 - 245°C)
Time Above Liquidus
(45 - 90 sec)
65 -> 200°C, 120 - 250 sec max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com