Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5145 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA5145
Description  Brushless DC motor drive circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5145 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA5145 Datasheet HTML 1Page - NXP Semiconductors TDA5145 Datasheet HTML 2Page - NXP Semiconductors TDA5145 Datasheet HTML 3Page - NXP Semiconductors TDA5145 Datasheet HTML 4Page - NXP Semiconductors TDA5145 Datasheet HTML 5Page - NXP Semiconductors TDA5145 Datasheet HTML 6Page - NXP Semiconductors TDA5145 Datasheet HTML 7Page - NXP Semiconductors TDA5145 Datasheet HTML 8Page - NXP Semiconductors TDA5145 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
June 1994
2
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145
FEATURES
• Full-wave commutation (using push/pull drivers at the
output stages) without position sensors
• Built-in start-up circuitry
• Three push-pull outputs:
– output current 2.0 A (typ.)
– built-in current limiter
– soft-switching outputs for low Electromagnetic
Interference (EMI)
• Thermal protection
• Flyback diodes
• Tacho output without extra sensor
• Motor brake facility
• Direction control input
• Reset function
• Transconductance amplifier for an external control
transistor.
APPLICATIONS
• General purpose spindle driver e.g.:
– Hard disk drive
– Tape drive
– Optical disk drive.
GENERAL DESCRIPTION
The TDA5145 is a bipolar integrated circuit used to drive
3-phase brushless DC motors in full-wave mode. The
device is sensorless (saving of 3 hall-sensors) using the
back-EMF sensing technique to sense the rotor position.
It includes bidirectional control, brake function and has a
special circuit built-in to reduce the EMI (soft switching
output stages).
QUICK REFERENCE DATA
Measured over full voltage and temperature range.
Notes
1. An unstabilized supply can be used.
2. VVMOT = VP; +AMP IN = −AMP IN = 0 V; all outputs IO = 0 mA.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
note 1
4
−
18
V
VVMOT
input voltage to the output driver
stages
note 2
1.7
−
16
V
VDO
drop-out output voltage
IO = 100 mA
−
0.90
1.05
V
ILIM
current limiting
VVMOT = 10 V; RO = 1.2 Ω
1.8
2.0
2.5
A
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA5145
28
DIL
plastic
SOT117-1
TDA5145T
28
SOL
plastic
SOT136-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com