Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5145 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA5145
Description  Brushless DC motor drive circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5145 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA5145 Datasheet HTML 1Page - NXP Semiconductors TDA5145 Datasheet HTML 2Page - NXP Semiconductors TDA5145 Datasheet HTML 3Page - NXP Semiconductors TDA5145 Datasheet HTML 4Page - NXP Semiconductors TDA5145 Datasheet HTML 5Page - NXP Semiconductors TDA5145 Datasheet HTML 6Page - NXP Semiconductors TDA5145 Datasheet HTML 7Page - NXP Semiconductors TDA5145 Datasheet HTML 8Page - NXP Semiconductors TDA5145 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
June 1994
4
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145
PINNING
Note
1. Pin numbers for both DIL and SOL packages are identical.
SYMBOL
PIN(1)
DESCRIPTION
MOT1
1 and 2
driver output 1
TEST
3
test input/output
n.c.
4
not connected
MOT2
5 and 6
driver output 2
VMOT
7 and 8
input voltage for the output driver stages
BRAKE
9
brake input; this pin may not be left floating, a LOW level voltage must be applied to disable
this function
DIR
10
direction control input; this pin may not be left floating
FG
11
frequency generator: output of the rotation speed (open collector digital output)
GND2
12
ground supply return for control circuits
VP
13
supply voltage
CAP-CD
14
external capacitor connection for adaptive communication delay timing
CAP-DC
15
external capacitor connection for adaptive communication delay timing copy
CAP-ST
16
external capacitor connection for start-up oscillator
CAP-TI
17
external capacitor connection for timing
+AMP IN
18
non-inverting input of the transconductance amplifier
−AMP IN
19
inverting input of the transconductance amplifier
n.c.
20
not connected
RESET
21
reset input; this pin may not be left floating, a LOW level voltage must be applied to disable
this function
AMP OUT
22
transconductance amplifier output (open collector)
MOT3
23 and 24 driver output 3
n.c.
25
not connected
MOT0
26
input from the star point of the motor coils
GND1
27 and 28 ground (0 V) motor supply return for output stages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com