Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28162 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP28162
Description  High-Efficiency, Synchronous Buck-Boost Converter with 1.5A MOSFETs in a Small WLCSP Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28162 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP28162 Datasheet HTML 9Page - Monolithic Power Systems MP28162 Datasheet HTML 10Page - Monolithic Power Systems MP28162 Datasheet HTML 11Page - Monolithic Power Systems MP28162 Datasheet HTML 12Page - Monolithic Power Systems MP28162 Datasheet HTML 13Page - Monolithic Power Systems MP28162 Datasheet HTML 14Page - Monolithic Power Systems MP28162 Datasheet HTML 15Page - Monolithic Power Systems MP28162 Datasheet HTML 16Page - Monolithic Power Systems MP28162 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP28162 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 1.5A MOSFETS
MP28162 Rev. 1.0
MonolithicPower.com
13
3/16/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP28162 is a high-efficiency, dual-mode,
buck-boost converter that provides an output
voltage (VOUT) exceeding, below, equal to the
input voltage (VIN). VOUT is sensed via the FB
pin
through
an
external
resistor
divider
connected from the output to ground (see
Figure 1 on page 12). The difference between
the FB pin voltage (VFB) and the internal
reference voltage (VREF) is amplified by the
error amplifier (EA) to generate a control signal
(VC_BUCK).
By
comparing
VC_BUCK
with
the
internal current ramp signal (the sensed SWA
current with slope compensation) via the buck
comparator, a pulse-width modulation (PWM)
control signal for the buck legs (SWA and SWB)
is generated.
Another control signal (VC_BOOST) is derived from
VC_BUCK through the level shift. VC_BOOST is
compared with the sensed SWA current with
slope compensation via the boost comparator
and generates a PWM control signal for the
boost legs (SWC and SWD). Figure 2 shows
the buck-boost converter
’s switching topology.
SWA
SWB
SWC
SW1
SW2
SWD
VIN
VOUT
Figure 2: Buck-Boost Switching Topology
Buck Region (VIN > VOUT)
If VIN significantly exceeds VOUT, the MP28162
can deliver energy to the load within
SWA’s
maximum duty cycle by switching SWA and
SWB. The converter operates in buck mode. In
this mode, SWD remains on and SWC is off.
VC_BUCK is typically compared with the current
ramp signal
to generate
a PWM output.
Therefore, SWA and SWB are pulse-width
modulated to produce the required duty cycle
and eventually support VOUT.
Buck-Boost Region (VIN ≈ VOUT)
If VIN is close to VOUT, the MP28162 is unable to
provide sufficient energy to the load due to
SWA’s maximum duty cycle. As a result, the
current ramp signal cannot trigger VC_BUCK
during the first period, and SWA remains on
with 100% duty cycle. If SWB does not turn on
during the first period, the converter enters
boost mode in the secondary period (where
SWC switches) and an offset voltage is added
to the current ramp signal to enable it to reach
VC_BUCK. SWC turns off when the current ramp
signal
intersects
with
VC_BOOST during
the
secondary period, and SWD conducts the
inductor current (IL) when SWC is off. This is
called boost operation.
SWA turns off when the current ramp signal
intersects with VC_BUCK in the secondary period,
and SWB turns on to conduct IL after SWA turns
off. This is called buck operation.
If SWB turns on during the secondary period,
boost operation (SWC on) is disabled in the
following cycle. If SWA continues to conduct
with 100% duty in the secondary cycle, the
boost operation is also enabled in the following
duty cycle. SWA and SWB, and SWC and SWD
switch during this condition simultaneously.
This is called buck-boost mode.
Boost Region (VIN < VOUT)
If VIN is significantly below VOUT, VC_BUCK
remains above the current ramp signal. The
offset voltage is added to the current signal,
which prevents SWB from turning on in all
cycles. The boost operation (SWC on) is
enabled in every cycle based on the logic,
resulting in only SWC and SWD switching. This
is called boost mode. In this mode, SWC and
SWD are pulse-width modulated to produce the
required duty cycle and eventually support VOUT
regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com