Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7S Datasheet(PDF) 1 Page - Abracon Corporation

Part # AP7S
Description  HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AP7S Datasheet(HTML) 1 Page - Abracon Corporation

  AP7S Datasheet HTML 1Page - Abracon Corporation AP7S Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
AP7S
3.3V, 2.5V OPERATION
Unit
MHz
MHz
°C
°C
ppm
V
V
mA
mA
%
V
V
msec
pSec
nSec
--
100
VOL
0.4V max
45
50
Storage Temp. Range (See Options)
Overall Frequency Stability * (See Options)
2.5
CMOS
2.5
3.5
2.97
2.25
3.3
2.5
3.63
2.75
20
30
Vdd-0.4min
--
55
10
10
0
-55
-100
100
200
125
166
+70
--
--
--
--
--
--
--
--
--
--
Input Current
Phase Jitter (RMS, 12kHz to 20MHz)
VOH
--
--
10
--
Output Voltage
Symmetry at 1/2 Vdd
Rise and fall time (Tr/Tf)**
Start-up Time
--
--
--
Typical
Maximum
Characteristics
Frequency Range 3.3V
Input Voltage (Operating Vdd)
Minimum
Operation Temp. Range (See Options)
--
Output Type
pSec
Jitter peak-to-peak
--
50
pin 1 : Low , pin 3 : Disable
Tri-state Function (Input to pin 1)
pin 1 : High or Open , pin 3 : Enable
Revised: 5.15.07
Pb RoHS
Compliant
2.5V
3.3V
2.5V
7.0 x 5.0 x 1.6mm
• Performance comparable to fixed frequency oscillator
• Lowest peak-to-peak jitter
• Low supply current
• Short lead time
• Suitable for mass production
• Alternative to long lead-time XO's
For Small
Quantities,
Delivery Time
is 1-5 days
PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
HCMOS/TTL COMPATIBLE SURFACE-MOUNT
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
ELECTRICAL SPECIFICATIONS:
OPTIONS & PART IDENTIFICATION:
TEST CIRCUIT:
(Left blank if standard)
* Inclusive of calibration @25°C, operating temperature range, input voltage variation, load variation, aging, shock, and vibration.
** Transition times are measured between 10% and 90% of Vdd with an output load of 15 pf.
Blank*
3.3 V
I
0°C to +50°C
Y(*)
±10ppm
Blank
1
2.5 V
D
-10°C to +60°C
J(**)
±20ppm
T
*3.3V : Standard
E
-20°C to +70°C
R
±25ppm
F
-30°C to +70°C
K
±30ppm
N
-30°C to +85°C
H
±35ppm
L
-40°C to +85°C
B
±40ppm
C
±50ppm
* Available for 0°C to +50°C and -10°C to +60°C only.
** Contact ABRACON for -40°C to +85°C.
Tape and Reel
AP7S -Frequency- - -
Supply Voltage
Operating Temp.
Freq. Stability
Bulk
Packaging


Similar Part No. - AP7S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AP7S ABRACON-AP7S Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
More results

Similar Description - AP7S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AP5S ABRACON-AP5S Datasheet
157Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
ASEP ABRACON-ASEP Datasheet
367Kb / 2P
HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.09.07
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASG ABRACON-ASG Datasheet
547Kb / 1P
HCMOS/ TTL COMPATIBLE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
ASLV ABRACON-ASLV Datasheet
264Kb / 1P
5.0Vdc HCMOS/TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL2 ABRACON-ASFL2_08 Datasheet
188Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.07.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com