Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O-CS8-AKS58ISL-R Datasheet(PDF) 1 Page - Abracon Corporation

Part # O-CS8-AKS58ISL-R
Description  Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

O-CS8-AKS58ISL-R Datasheet(HTML) 1 Page - Abracon Corporation

  O-CS8-AKS58ISL-R Datasheet HTML 1Page - Abracon Corporation O-CS8-AKS58ISL-R Datasheet HTML 2Page - Abracon Corporation O-CS8-AKS58ISL-R Datasheet HTML 3Page - Abracon Corporation O-CS8-AKS58ISL-R Datasheet HTML 4Page - Abracon Corporation O-CS8-AKS58ISL-R Datasheet HTML 5Page - Abracon Corporation O-CS8-AKS58ISL-R Datasheet HTML 6Page - Abracon Corporation O-CS8-AKS58ISL-R Datasheet HTML 7Page - Abracon Corporation O-CS8-AKS58ISL-R Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
O-CS8 Series
14 x 21 x 7.5mm
Datasheet #1319A
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
Revision P: 08/24/2023
www.nelfc.com
Absolute Maximum Ratings
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Notes
Input Break Down Voltage
Vcc
-0.5
6.5
V
Vcc option 0
Storage Temperature Range
Ts
-55
85
°C
Control Voltage
Vc
-1
10.5
V
Electrical (1)
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Notes
Frequency
F
80
120
MHz
Frequency Stability
∆
F/F
vs. Temp.
±50
ppb
See table below
Note 2
vs. Supply
2
ppb/5%
change
vs. Load
2
Aging
per day
5E-9
ppm
After 30 days of
continuous operation
per first
year
5E-7
10 years
2.0
Allan Deviation
.01s to 1s
5E-11
SSB Phase Noise
(at 100.000 MHz)
£(Δf)
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
-95
-125
-158
-170
-178
dBc/Hz
Grade “L”
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
-100
-130
-160
-172
-178
Grade “P”
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
-105
-135
-162
-175
-180
Grade “U”,
Available with slope
option “L”
Retrace
After 30
minutes
±20
ppb
G-sensitivity
Worst
Direction
±0.5
ppb/G
Supply Voltage
5V±5%
3.3V±5%
4.75
3.165
5.0
3.30
5.25
3.465
V
Option “0”
Option A
Power Consumption
P
steady
state, 25°C
steady
state, -40°C
start-up
1.0
2.5
3.0
1.2
3.5
W
Still air
Features
•
SC-cut Crystal
•
Ultra Low Phase Noise
•
Sine Wave +15 dBm Output
•
Extremely Small, Slim Package
Applications
•
Instrumentation
•
Radar
•
High End Synthesizers
•
Telecommunication Systems
•
Data Communications


Similar Part No. - O-CS8-AKS58ISL-R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
O-CS41 ABRACON-O-CS41 Datasheet
621Kb / 7P
Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with OSC Disable and Oven Alarm features for Instrumentation
12/19/2023
O-CS41FS19IX-P-X-05-R ABRACON-O-CS41FS19IX-P-X-05-R Datasheet
621Kb / 7P
Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with OSC Disable and Oven Alarm features for Instrumentation
12/19/2023
O-CS41FS59GX-P-X-05-R ABRACON-O-CS41FS59GX-P-X-05-R Datasheet
621Kb / 7P
Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with OSC Disable and Oven Alarm features for Instrumentation
12/19/2023
More results

Similar Description - O-CS8-AKS58ISL-R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4710 VECTRON-C4710 Datasheet
121Kb / 4P
OCXO Low Phase Noise High Stability SC-Cut Crystal Standard
logo
Nel Frequency Controls,...
OD-X8HXXXXX NEL-OD-X8HXXXXX Datasheet
38Kb / 3P
Precision SC-cut OCXO in 20x20 mm Through Hole Package
OF-X8HXXXXX NEL-OF-X8HXXXXX Datasheet
87Kb / 3P
Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
OGX8HXXXXX NEL-OGX8HXXXXX Datasheet
44Kb / 3P
Precision SC-cut OCXO in 1?쓝1??Through Hole Package
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
Ultra-Low Noise OCXO in SMD package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com