Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M05 Datasheet(PDF) 4 Page - Texas Instruments

Part # AMC0106M05
Description  AMC0106M05 Precision, ±50mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0106M05 Datasheet(HTML) 4 Page - Texas Instruments

  AMC0106M05 Datasheet HTML 1Page - Texas Instruments AMC0106M05 Datasheet HTML 2Page - Texas Instruments AMC0106M05 Datasheet HTML 3Page - Texas Instruments AMC0106M05 Datasheet HTML 4Page - Texas Instruments AMC0106M05 Datasheet HTML 5Page - Texas Instruments AMC0106M05 Datasheet HTML 6Page - Texas Instruments AMC0106M05 Datasheet HTML 7Page - Texas Instruments AMC0106M05 Datasheet HTML 8Page - Texas Instruments AMC0106M05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
see (1)
MIN
MAX
UNIT
Power-supply voltage
High-side AVDD to AGND
–0.3
6.5
V
Low-side DVDD to DGND
–0.3
6.5
Analog input voltage
INP, INN
AGND – 4
AVDD + 0.5
V
Digital input voltage
CLKIN
DGND – 0.5
DVDD+ 0.5
V
Digital output voltage
DOUT
DGND – 0.5
DVDD + 0.5
V
Transient isolation voltage(2)
AC voltage, t = 60s(3)
570
VRMS
DC voltage, t = 60s(3)
800
VDC
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Common-mode from left-side (pins1-4) to right-side (pins5-8) of the package.
(3)
Cumulative.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
AMC0106M05
SBASAS7 – AUGUST 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0106M05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com