Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M05 Datasheet(PDF) 6 Page - Texas Instruments

Part # AMC0106M05
Description  AMC0106M05 Precision, ±50mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0106M05 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC0106M05 Datasheet HTML 2Page - Texas Instruments AMC0106M05 Datasheet HTML 3Page - Texas Instruments AMC0106M05 Datasheet HTML 4Page - Texas Instruments AMC0106M05 Datasheet HTML 5Page - Texas Instruments AMC0106M05 Datasheet HTML 6Page - Texas Instruments AMC0106M05 Datasheet HTML 7Page - Texas Instruments AMC0106M05 Datasheet HTML 8Page - Texas Instruments AMC0106M05 Datasheet HTML 9Page - Texas Instruments AMC0106M05 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
5.4 Thermal Information (DEN Package)
THERMAL METRIC(1)
DEN (VSON)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
64.7
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
53.7
°C/W
RθJB
Junction-to-board thermal resistance
29.6
°C/W
ΨJT
Junction-to-top characterization parameter
10.1
°C/W
ΨJB
Junction-to-board characterization parameter
29.4
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
23.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Package Characteristics
PARAMETER
TEST CONDITIONS
VALUE
UNIT
DEN PACKAGE
CLR
External clearance
Shortest pin-to-pin distance through air
≥ 1
mm
CPG
External creepage
Shortest pin-to-pin distance across the
package surface
≥ 1
mm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
≥ 600
V
Material group
According to IEC 60664-1
I
CIO
Capacitance, input to output(1)
VIO = 0.5 VPP at 1MHz
~1.5
pF
RIO
Resistance, input to output(1)
TA = 25°C
> 1012
Ω
(1)
All pins on each side of the barrier are tied together, creating a two-pin device.
AMC0106M05
SBASAS7 – AUGUST 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0106M05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com