Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M25 Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC0106M25
Description  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0106M25 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC0106M25 Datasheet HTML 3Page - Texas Instruments AMC0106M25 Datasheet HTML 4Page - Texas Instruments AMC0106M25 Datasheet HTML 5Page - Texas Instruments AMC0106M25 Datasheet HTML 6Page - Texas Instruments AMC0106M25 Datasheet HTML 7Page - Texas Instruments AMC0106M25 Datasheet HTML 8Page - Texas Instruments AMC0106M25 Datasheet HTML 9Page - Texas Instruments AMC0106M25 Datasheet HTML 10Page - Texas Instruments AMC0106M25 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
5.6 Electrical Characteristics
minimum and maximum specifications are at TA = –40°C to 125°C, AVDD = 3.0V to 5.5V, DVDD = 2.7V to 5.5 V, VINP =
–250mV to 250mV, VINN = 0V, and sinc3 filter with OSR = 256 (unless otherwise noted); typical specifications are at TA
= 25°C, CLKIN = 20MHz, AVDD = 5V, and DVDD = 3.3V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
CIN
Effective input sampling
capacitance
2
pF
RIN
Input impedance
fCLK = 10MHz
TBD
50
TBD
kΩ
fCLK = 20MHz
TBD
25
TBD
IINP
Input current
VIN = (VINP – VINN) = VFSR, MAX, fCLK =
10MHz
TBD
5
TBD
μA
VIN = (VINP – VINN) = VFSR, MAX, fCLK =
20MHz
TBD
10
TBD
IINN
Input current
VIN = (VINP – VINN) = VFSR, MAX, fCLK =
10MHz
–TBD
–5
–TBD
μA
VIN = (VINP – VINN) = VFSR, MAX, fCLK =
20MHz
–TBD
–10
–TBD
CMTI
Common-mode transient immunity
150
V/ns
EO
Offset error(1)
INP = INN = AGND, TA = 25°C
–200
±4.5
200
µV
EG
Gain error
TA = 25°C
–0.2%
±0.005%
0.2%
EO
Offset error(1)
INP = INN = AGND, TA = 25°C
–200
±4.5
200
µV
EG
Gain error
TA = 25°C
–0.2%
±0.005%
0.2%
DC ACCURACY
EO
Offset error(1)
INP = INN = AGND, TA = 25°C
–200
±4.5
200
µV
TCEO
Offset error temperature drift(3)
–3
3
µV/°C
EG
Gain error
TA = 25°C
–0.2%
±0.005%
0.2%
TCEG
Gain error temperature drift(4)
–40
±20
40 ppm/°C
INL
Integral nonlinearity(2)
Resolution: 16 bits
–4
±1
4
LSB
DNL
Differential nonlinearity
Resolution: 16 bits
–0.99
0.99
LSB
CMRR
Common-mode rejection ratio
INP = INN, fIN = 0Hz,
VCM min ≤ VIN ≤ VCM max
–92
dB
INP = INN, fIN from 0.1Hz to 10 kHz,
VCM min ≤ VIN ≤ VCM max
–95
PSRR
Power-supply rejection ratio
INP = INN = AGND,
AVDD from 3.0V to 5.5V, DC
–80
dB
INP = INN = AGND,
AVDD from 3.0V to 5.5V,
10kHz / 100mV ripple
–80
AC ACCURACY
SNR
Signal-to-noise ratio
fIN = 1kHz
86
dB
SINAD
Signal-to-noise + distortion
fIN = 1kHz
85.7
dB
THD
Total harmonic distortion(5)
4.5V ≤ AVDD ≤ 5.5V, fIN = 1kHz,
5MHz ≤ fCLKIN ≤ 21MHz
–90
dB
3.0V ≤ AVDD ≤ 3.6V, fIN = 1kHz,
5MHz ≤ fCLKIN ≤ 21MHz
–93
CMOS LOGIC WITH SCHMITT-TRIGGER
IIN
Input current
DGND ≤ VIN ≤ DVDD
0
7
μA
CIN
Input capacitance
4
pF
VIH
High-level input voltage
0.7 ×
DVDD
DVDD +
0.3
V
www.ti.com
AMC0106M25
SBASAX1 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com