Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M25 Datasheet (PDF) - Texas Instruments

AMC0106M25 Datasheet PDF - Texas Instruments
Part # AMC0106M25
Download  AMC0106M25 Download
File Size   1402.84 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock

AMC0106M25 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC0106M25 Datasheet PDF - Texas Instruments

Part # AMC0106M25
Download  AMC0106M25 Click to download

File Size   1402.84 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock

AMC0106M25 Datasheet (HTML) - Texas Instruments


AMC0106M25 Product details

1 Features
• Linear input voltage range: ±250mV
• Supply voltage range:
– High-side (AVDD): 3.0V to 5.5V
– Low-side (DVDD): 2.7V to 5.5V
• Low DC errors:
– Offset error: ±200μV (max)
– Offset drift: ±3μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±40ppm/°C (max)
• High CMTI: 150V/ns (min)
• Missing high-side supply detection
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Functional isolation:
– 200VRMS, 280VDC working voltage
– 570VRMS, 800VDC transient overvoltage (60s)
• Fully specified over extended industrial
temperature range: –40°C to +125°C

2 Applications
• 48V motor drives
• 48V frequency inverters
• Analog input modules
• Power supplies

3 Description
The AMC0106M25 is a precision, functionally
isolated, delta-sigma modulator with a ±250mV input
voltage range. The isolation barrier separates parts
of the system that operate on different commonmode
voltage levels. The isolation barrier supports
a working voltage up to 200VRMS / 280VDC and
transient overvoltages up to 570VRMS / 800VDC.
With a small package size and low input
voltage range, the AMC0106M25 is designed for
high accuracy, isolated current sensing in spaceconstrained
applications. The galvanic isolation
barrier supports high common-mode transients and
allows for isolating sensitive control circuitry from
switching noise from the power stage.
The output bitstream of the AMC0106M25 is
synchronized to an external clock. Combined with a
sinc3, OSR 256 filter, the device achieves 16 bits of
resolution with an 86dB dynamic range and a 78kSPS
data rate.
The AMC0106M25 is available in an 8-pin, 0.65mm
pitch VSON package and is specified over the
extended industrial temperature range of –40°C to
+125°C.




Similar Part No. - AMC0106M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0106M25 TI2-AMC0106M25 Datasheet
1Mb / 25P
AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
AUGUST 2024
AMC0106M25 TI2-AMC0106M25 Datasheet
1Mb / 35P
AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
REVISED JULY 2025
AMC0106M25DENR TI2-AMC0106M25DENR Datasheet
1Mb / 35P
AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
REVISED JULY 2025
AMC0106M25 TI2-AMC0106M25_V01 Datasheet
1Mb / 35P
AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
REVISED JULY 2025
More results


Similar Description - AMC0106M25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
Isolated Sigma-Delta Modulator
Rev. PrA
AD7401A AD-AD7401A Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com