Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M25 Datasheet (PDF) - Texas Instruments

AMC0106M25 Datasheet PDF - Texas Instruments
Part # AMC0106M25
Download  AMC0106M25 Download
File Size   1154.18 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock

AMC0106M25 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC0106M25 Datasheet PDF - Texas Instruments

Part # AMC0106M25
Download  AMC0106M25 Click to download

File Size   1154.18 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock

AMC0106M25 Datasheet (HTML) - Texas Instruments


AMC0106M25 Product details

1 Features
• Linear input voltage range: ±250mV
• Supply voltage range:
– High-side (AVDD): 3.0V to 5.5V
– Low-side (DVDD): 2.7V to 5.5V
• Low DC errors:
– Offset error: ±200μV (max)
– Offset drift: ±3μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±40ppm/°C (max)
• High CMTI: 150V/ns (min)
• Missing high-side supply detection
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Functional isolation:
– 200VRMS, 280VDC working voltage
– 570VRMS, 800VDC transient overvoltage (60s)
• Fully specified over extended industrial
temperature range: –40°C to +125°C

2 Applications
• 48V motor drives
• 48V frequency inverters
• Analog input modules
• Power supplies

3 Description
The AMC0106M25 is a precision, functionally
isolated, delta-sigma modulator with a ±250mV input
voltage range. The isolation barrier separates parts
of the system that operate on different commonmode
voltage levels. The isolation barrier supports
a working voltage up to 200VRMS / 280VDC and
transient overvoltages up to 570VRMS / 800VDC.
With a small package size and low input
voltage range, the AMC0106M25 is designed for
high accuracy, isolated current sensing in spaceconstrained
applications. The galvanic isolation
barrier supports high common-mode transients and
allows for isolating sensitive control circuitry from
switching noise from the power stage.
The output bitstream of the AMC0106M25 is
synchronized to an external clock. Combined with a
sinc3, OSR 256 filter, the device achieves 16 bits of
resolution with an 86dB dynamic range and a 78kSPS
data rate.
The AMC0106M25 is available in an 8-pin, 0.65mm
pitch VSON package and is specified over the
extended industrial temperature range of –40°C to
+125°C.




Similar Part No. - AMC0106M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0106M25 TI1-AMC0106M25 Datasheet
1Mb / 28P
AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
AUGUST 2024
AMC0106M25 TI2-AMC0106M25 Datasheet
1Mb / 35P
AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
REVISED JULY 2025
AMC0106M25DENR TI2-AMC0106M25DENR Datasheet
1Mb / 35P
AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
REVISED JULY 2025
AMC0106M25 TI2-AMC0106M25_V01 Datasheet
1Mb / 35P
AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
REVISED JULY 2025
More results


Similar Description - AMC0106M25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
Isolated Sigma-Delta Modulator
Rev. PrA
AD7401A AD-AD7401A Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com