Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M25 Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC0106M25
Description  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0106M25 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC0106M25 Datasheet HTML 6Page - Texas Instruments AMC0106M25 Datasheet HTML 7Page - Texas Instruments AMC0106M25 Datasheet HTML 8Page - Texas Instruments AMC0106M25 Datasheet HTML 9Page - Texas Instruments AMC0106M25 Datasheet HTML 10Page - Texas Instruments AMC0106M25 Datasheet HTML 11Page - Texas Instruments AMC0106M25 Datasheet HTML 12Page - Texas Instruments AMC0106M25 Datasheet HTML 13Page - Texas Instruments AMC0106M25 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
6 Detailed Description
6.1 Overview
The AMC0106M25 is a single-channel, second-order, CMOS, delta-sigma (ΔΣ) modulator designed for high-
resolution analog-to-digital conversions of AC signals. The differential analog input of the AMC0106M25 is
implemented with a switched-capacitor circuit. The isolated output of the converter (DOUT) provides a stream
of digital ones and zeros synchronous to the external clock applied to the CLKIN pin. The time average of this
serial output is proportional to the analog input voltage.
The modulator shifts the quantization noise to high frequencies. Therefore, use a digital low-pass digital filter,
such as a sinc filter at the device output to increase overall performance. This filter also converts from the
1-bit data stream at a high sampling rate into a higher-bit data word at a lower rate (decimation). Use a
microcontroller (μC) or field-programmable gate array (FPGA) to implement the filter.
The overall performance (speed and resolution) depends on the selection of an appropriate oversampling ratio
(OSR) and filter type. A higher OSR results in higher resolution while operating at a lower refresh rate. A lower
OSR results in lower resolution, but provides data at a higher refresh rate. Multiple filters can run in parallel.
For example, a low OSR filter for fast overcurrent detection and a high OSR filter for high resolution current
measurement.
The silicon-dioxide (SiO2) based capacitive isolation barrier supports a high level of magnetic field immunity; see
the ISO72x Digital Isolator Magnetic-Field Immunity application note. The AMC0106M25 uses an on-off keying
(OOK) modulation scheme to transmit data across the isolation barrier. This modulation, and the isolation barrier
characteristics, result in high reliability in noisy environments and high common-mode transient immunity.
6.2 Functional Block Diagram
DVDD
DOUT
DGND
AGND
INP
INN
AVDD
CLKIN
Modulator
Diagnostics
Digital
Interface
AMC0106M25
SBASAX1 – AUGUST 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com