Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M25 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC0106M25
Description  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0106M25 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC0106M25 Datasheet HTML 5Page - Texas Instruments AMC0106M25 Datasheet HTML 6Page - Texas Instruments AMC0106M25 Datasheet HTML 7Page - Texas Instruments AMC0106M25 Datasheet HTML 8Page - Texas Instruments AMC0106M25 Datasheet HTML 9Page - Texas Instruments AMC0106M25 Datasheet HTML 10Page - Texas Instruments AMC0106M25 Datasheet HTML 11Page - Texas Instruments AMC0106M25 Datasheet HTML 12Page - Texas Instruments AMC0106M25 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
5.7 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tH
DOUT hold time after rising edge
of CLKIN
CLOAD = 15pF
10
ns
tD
Rising edge of CLKIN to DOUT
valid delay
CLOAD = 15pF
35
ns
tr
DOUT rise time
10% to 90%, 2.7V ≤ DVDD ≤ 3.6V, CLOAD = 15pF
3.8
7
ns
10% to 90%, 4.5V ≤ DVDD ≤ 5.5V, CLOAD = 15pF
4.3
7
tf
DOUT fall time
10% to 90%, 2.7V ≤ DVDD ≤ 3.6V, CLOAD = 15pF
3.8
7
ns
10% to 90%, 4.5V ≤ DVDD ≤ 5.5V, CLOAD = 15pF
4.3
7
tSTART
Device start-up time
AVDD step from 0 to 3.0V with AVDD ≥ 2.7V to
bitstream valid, 0.1% settling
0.5
ms
5.8 Timing Diagrams
CLKIN
DOUT
t
CLKIN
t
H
10%
90%
t
HIGH
t
LOW
50%
t
D
t
r / tf
Figure 5-1. Digital Interface Timing
DOUT
CLKIN
AVDD
tSTART
Bitstream not valid (analog settling)
Valid bitstream
DVDD
Figure 5-2. Device Start-Up Timing
www.ti.com
AMC0106M25
SBASAX1 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com