Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M25 Datasheet(PDF) 15 Page - Texas Instruments

Part # AMC0106M25
Description  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0106M25 Datasheet(HTML) 15 Page - Texas Instruments

Back Button AMC0106M25 Datasheet HTML 11Page - Texas Instruments AMC0106M25 Datasheet HTML 12Page - Texas Instruments AMC0106M25 Datasheet HTML 13Page - Texas Instruments AMC0106M25 Datasheet HTML 14Page - Texas Instruments AMC0106M25 Datasheet HTML 15Page - Texas Instruments AMC0106M25 Datasheet HTML 16Page - Texas Instruments AMC0106M25 Datasheet HTML 17Page - Texas Instruments AMC0106M25 Datasheet HTML 18Page - Texas Instruments AMC0106M25 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
Isolated modulators are widely used in application where a high-voltage domain is galvanically isolated from a
low-voltage domain for safety or functional reasons. A typical application is the sensing of the phase currents in
a frequency inverter.
7.2 Typical Application
Figure 7-1 shows a simplified schematic of a full-bridge motor drive that uses an AMC0106M25 to sense the
motor current. The current flowing through an external shunt resistor RSHUNT produces a voltage drop that is
sensed by the AMC0106M25. The AMC0106M25 digitizes the analog input signal on the high-side and transfers
the data across the isolation barrier to the low-side. The device then outputs the digital bitstream on the DOUT
pin that is synchronized to the clock applied to the CLKIN pin. The digital bitstream is processed by a low-pass
digital filter in a micro control unit (MCU) or FPGA.
The 48V DC link voltage in this application is sensed by an AMC0136 isolated modulator.
49.9
RSHUNT
1 nF
AVDD
AGND
INP
INN
AMC0106M25
DVDD
CLKIN
DOUT
DGND
4.7 uF
1 uF
100 nF
Low-side supply
(3.3 V or 5 V)
2
M
Gate
Driver
GND
1 nF
Signal Domain
Power Domain
+50 mV
0 V
–50 mV
D1
10 nF
100 nF
Gate
Driver
AVDD
AGND
IN
AGND
AMC0136
DVDD
CLKIN
DOUT
DGND
100 pF
+
–
48V
R1
R2
ICROSS
49.9
1 uF
100 nF
MCU
100 nF
1uF
DC/DC
GND
6V
5V
Figure 7-1. Using the AMC0106M25 for Current Sensing in a Full-Bridge 48V Motor Driver Design
www.ti.com
AMC0106M25
SBASAX1 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com