Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0106M25 Datasheet(PDF) 12 Page - Texas Instruments

Part # AMC0106M25
Description  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0106M25 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC0106M25 Datasheet HTML 8Page - Texas Instruments AMC0106M25 Datasheet HTML 9Page - Texas Instruments AMC0106M25 Datasheet HTML 10Page - Texas Instruments AMC0106M25 Datasheet HTML 11Page - Texas Instruments AMC0106M25 Datasheet HTML 12Page - Texas Instruments AMC0106M25 Datasheet HTML 13Page - Texas Instruments AMC0106M25 Datasheet HTML 14Page - Texas Instruments AMC0106M25 Datasheet HTML 15Page - Texas Instruments AMC0106M25 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
6.3.2 Modulator
Figure 6-2 conceptualizes the second-order, switched-capacitor, feed-forward ΔΣ modulator implemented in the
AMC0106M25. The output V5 of the 1-bit, digital-to-analog converter (DAC) is subtracted from the input voltage
VIN = (VINN – VINP). This subtraction provides an analog voltage V1 at the input of the first integrator stage. The
output of the first integrator feeds the input of the second integrator stage. The result is an output voltage V3 that
is summed with the input signal VIN and the output of the first integrator V2. Depending on the polarity of the
resulting voltage V4, the output of the comparator is changed. In this case, the 1-bit DAC responds on the next
clock pulse by changing the associated analog output voltage V5. Thus, causing the integrators to progress in
the opposite direction and forcing the integrator output value to track the average value of the input.
VIN
Integrator 1
V1
V2
V4
V5
V3
fCLKIN
Σ
Integrator 2
Σ
+
–
DAC
0 V
DOUT
Figure 6-2. Block Diagram of a Second-Order Modulator
6.3.3 Isolation Channel Signal Transmission
The AMC0106M25 uses an on-off keying (OOK) modulation scheme to transmit the modulator output bitstream
across the SiO2-based isolation barrier. The transmit driver (TX) illustrated in the Functional Block Diagram
transmits an internally generated, high-frequency carrier across the isolation barrier to represent a digital one.
However, TX does not send a signal to represent a digital zero. The nominal frequency of the carrier used inside
the AMC0106M25 is 480MHz.
Figure 6-3 shows the concept of the on-off keying scheme.
Modulator Bitstream
on High-side
Clock
Signal Across Isolation Barrier
Recovered Sigal
on Low-side
Figure 6-3. OOK-Based Modulation Scheme
AMC0106M25
SBASAX1 – AUGUST 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com