Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFL3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFL3
Description  1.8V LVHCMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFL3 Datasheet(HTML) 1 Page - Abracon Corporation

  ASFL3 Datasheet HTML 1Page - Abracon Corporation ASFL3 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ASFL3
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
• CCD clock for VTR camera
• Equipment connected to PC or PC cards
• Thin equipment
• Wireless communication
FEATURES:
5.0 x 3.2 x 1.6 mm
REVISED: 4.26.07
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
• Compact and low in height
• Low current consumption
• Tri state function
• Suitable for high density SMT
• Tight stability option
• Seam sealed package
• Reflow capable
I
0°C to +50°C
Y(*)
±10ppm
D
-10°C to +60°C
J(**)
±20ppm
E
-20°C to +70°C
R
±25ppm
F
-30°C to +70°C
K
±30ppm
N
-30°C to +85°C
H
±35ppm
L
-40°C to +85°C
B
±40ppm
Contact ABRACON for
C
±50ppm
wider temperature range.
* Available for 0°C to +50°C and -10°C to +60°C only.
** Contact ABRACON for -40°C to +85°C.
Blank
40/60%
@ 1/2Vdd
S
45/55%
@ 1/2Vdd
ASFL3 - Frequency -
-
-
-
Packaging
T
Operating Temp. Range
Overall Frequency Stability
Duty Cycle
Tape and Reel
1,000pcs
PARAMETERS
ABRACON P/N:
ASFL3
Frequency:
1.544 MHz to 70 MHz
Operating temperature:
-10°C to +70°C (see option)
Storage temperature:
- 55°C to + 125°C
Overall Frequency Stability:
±100 ppm max. (see option)
Supply voltage (Vdd):
1.8 Vdc ± 10%
Supply Current (Idd):
2 mA max for F < 10MHz
Symmetry at 1/2 Vdd:
40/60% @ 1/2Vdd max. (see option)
Rise and Fall Times(Tr/Tf):
6 ns max. for F ≤ 35MHz
3 ns max. for F > 35MHz
Output load:
Output Voltage:
VOH = 0.9*Vdd min.
VOL = 0.1*Vdd max.
Tri State Function:
Start-up-time:
10 mS max.
Aging per year:
±5 ppm @25°C
"1" or open: Oscillation; VIH ≥ 1.6V
"0": Output disabled (HI-Z); VIL < 0.8V
3 mA max for F < 25MHz
4 mA max for F < 40MHz
8 mA max for F ≤ 50MHz
10 mA max for F ≤ 70MHz
15pF
1.8V LVHCMOS COMPATIBLE SMD
CRYSTAL CLOCK OSCILLATOR


Similar Part No. - ASFL3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFL3 ABRACON-ASFL3 Datasheet
189Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD COMPATIBLE SMD
1.05.08
ASFL3 ABRACON-ASFL3 Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
ASFL3-0.312MHZ-DB ABRACON-ASFL3-0.312MHZ-DB Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
ASFL3-0.312MHZ-DB-T ABRACON-ASFL3-0.312MHZ-DB-T Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
ASFL3-0.312MHZ-DB-T2 ABRACON-ASFL3-0.312MHZ-DB-T2 Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
More results

Similar Description - ASFL3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE2 ABRACON-ASE2 Datasheet
1Mb / 2P
2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASE3 ABRACON-ASE3 Datasheet
925Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASLV ABRACON-ASLV Datasheet
264Kb / 1P
5.0Vdc HCMOS/TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
ASE ABRACON-ASE Datasheet
1Mb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
03.20.07
ASE2 ABRACON-ASE2_08 Datasheet
161Kb / 2P
2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
01.14.08
ASE3 ABRACON-ASE3_08 Datasheet
157Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.03.08
ASE ABRACON-ASE_07 Datasheet
792Kb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
12.28.07
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL3 ABRACON-ASFL3_08 Datasheet
189Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD COMPATIBLE SMD
1.05.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com