Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA121T Datasheet(PDF) 1 Page - VTI technologies

Part # SCA121T
Description  Stand Alone Inclinometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA121T Datasheet(HTML) 1 Page - VTI technologies

  SCA121T Datasheet HTML 1Page - VTI technologies SCA121T Datasheet HTML 2Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 3 / 1 Nov 2005
VTI Technologies reserves the right to modify this specification without prior to notice.
SCA111T and SCA121T Series
Stand Alone Inclinometer
FEATURES
• Silicon 3D MEMS sensor
• 0,1 ° accuracy
• Resolution < 0,001 °
• Operating temperature range -40...+85 °C
• Long term stability < 0,02 °
• Shock resistance >20 000 g
• Sensing element -3 dB @ 18 Hz
• Main dimensions: 30x30x13 mm size, single or dual axis
• Voltage output
• RoHS compatible
BENEFITS
• Excellent long term stability
• Sensing element controlled frequency response
• Outstanding shock durability
• Harsh environment robustness
APPLICATIONS
• Platform tilt measurement
• Equipment and instrument condition monitoring
• Inclination based position measurement
• Rotational orientation measurement (dual axis)
Single or Dual Axis Analog Output
ELECTRICAL CHARACTERISTICS
Parameter
Condition
Min.
Typ
Max.
Units
Supply voltage
Unregulated or
regulated ratiometric
7
4.75
16
5
35
5.25
V
V
Applies to: -D02, -D03, -D07
Applies to: -D04, -D05
Current consumption
5mA
Output load
Resistive
10
k
Ω
Capacitive
20
nF
PERFORMANCE CHARACTERISTICS
Parameter
Condition
SCA111T-D02
SCA121T-D03
SCA121T-D07
SCA111T-D04
SCA121T-D05
Units
Measuring range (1
±30
±90
±30
±90
±90
°
Supply voltage
7 ...35
7 ...35
7 ...35
5 ±0.25
5
±0.25
V
Measuring axis
(see “Directions”)
X
X-Y
X-Y
X
X-Y
Offset (2, 5
Output at 0 °
2.5
2.5
2.5
2.5
2.5
V
Offset zero point error (5
Max. deviation
11111
°
Offset temperature error
0…70 °C
-25...85 °C
±0.2
±0.6
±0.2
±0.6
±0.2
±0.6
±0.2
±0.6
±0.2
±0.6
°
°
Sensitivity
Sine of inclination
70
35
70
35
35
mV/°(@offset pos.)
Sensitivity temperature error (5
0…70 °C
-25...85 °C
-0.8 ...0.3
-1.5 ...0.5
-0.8 ...0.3
-1.5 ...0.5
-0.8 ...0.3
-1.5 ...0.5
-0.8 ...0.3
-1.5 ...0.5
-0.8 ...0.3
-1.5 ...0.5
%
%
Nonlinearity
Sinus output
0.1
N/A
0.1
N/A
N/A
°
Frequency response –3 dB (3
18
18
18
18
18
Hz
Cross-axis sensitivity (4
33333
%
Typical values unless otherwise specified.
For customised product please contact VTI Technologies
Note 1
The measuring range is limited by the sensitivity and offset.
Note 2
Offset specified as Output @ 0 °.
Note 3
The frequency response is determined by the sensing element’s internal gas damping.
The output has true DC (0 Hz) response.
Note 4
The cross-axis sensitivity determines how much inclination, perpendicular to the measuring
axis, couples to the output.
Note 5
For optimum zero point accuracy, mounting angle of the part can be adjusted.
Figure 1. Positions
Notes:
• It is important that the part is parallel to the mounting plane, and that the output equals the zero value when sensor is in zero position.
• Zero position: Please note the picture above which provides information on how the output of the accelerometer behaves in different
circumstances when assembled. Please also note that you can rotate the part around the measuring plane for optimum mounting location.
MEASURING DIRECTIONS
Mounting position 1
(Horizontal)
X-axis
Y-axis
Negative incl.,
Zero position,
Positive incl.
Positive incl.,
Zero position,
Negative incl.
Earth’s gravity
Mounting position 2
(Vertical)
Mounting position 1
Mounting position 2
Deviation
Deviation


Similar Part No. - SCA121T

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
logo
Murata Manufacturing Co...
SCA121T MURATA-SCA121T Datasheet
162Kb / 5P
High stability over temperature and tim
SCA121T-D03 MURATA-SCA121T-D03 Datasheet
170Kb / 2P
Maximum Range
SCA121T-D05 MURATA-SCA121T-D05 Datasheet
169Kb / 2P
Maximum Range
SCA121T-D07 MURATA-SCA121T-D07 Datasheet
170Kb / 2P
Maximum Range
More results

Similar Description - SCA121T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
Stand-alone OSD
1995 Jan 19
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
Stand-alone OSD
1995 Mar 30
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
Zarlink Semiconductor I...
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
Stand Alone FFT Processor
logo
VTI technologies
SCA115T VTI-SCA115T Datasheet
297Kb / 2P
Stand Alone Inclinometer
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
logo
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
Stand-alone CAN controller
2000 Jan 04
logo
ATMEL Corporation
AT89SND2CMP3B ATMEL-AT89SND2CMP3B_14 Datasheet
2Mb / 242P
Stand-alone MP3 Decoder
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
Stand-alone Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com