Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA620 Datasheet(PDF) 2 Page - VTI technologies

Part # SCA620
Description  Accelerometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA620 Datasheet(HTML) 2 Page - VTI technologies

  SCA620 Datasheet HTML 1Page - VTI technologies SCA620 Datasheet HTML 2Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VTI Technologies Oy
Myllynkivenkuja 6
P.O. Box 27
FI-01621 Vantaa
Finland
Tel. +358 9 879 181
Fax +358 9 879 18791
sales@vti.fi
VTI Technologies Oy
Frankfurt Branch
Rennbahnstr. 72-74
D-60528 Frankfurt am Main
Germany
Tel. +49 69 6786 880
Fax +49 69 6786 8829
sales.de@vti.fi
VTI Technologies, Inc.
One Park Lane Blvd.
Suite 804 - East Tower
Dearborn, MI 48126
USA
Tel. +1 313 425 0850
Fax +1 313 425 0860
sales@vtitechnologies.com
Acceleration in the direction of the arrow
will increase the output voltage.
ELECTRICAL CONNECTION
DIMENSIONS
RECOMMENDED CIRCUIT
PCB PAD LAYOUTS
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Acceleration (powered or non-powered)
20000
g
Supply voltage
-0.3 to +7.0
V
Voltage at input / output pins
-0.3 to Vdd + 0.3
V
Temperature range
-55 to + 125
ºC
Pin#
Pin Name Connection
1
Open or capacitively connected to GND for EMC*)
2
Open or capacitively connected to GND for EMC*)
3
Open or capacitively connected to GND for EMC*)
4
GND
Negative supply voltage (VSS)
5
Open or capacitively connected to GND for EMC*)
6
ST
Self-test control
7
VOUT
Sensor analog output
8
VDD
Positive supply voltage (VDD)
*) recommended capacity min. 20 pF – Effectiveness should be tested and if necessary
adapted in the respective connection.
The accelerometer weighs under 1 g.
The size of the part is approximately (w x h x l) 9 x 5 x 11 mm. Pin pitch is standard 100 mils.
SCA620 Series
SENSING DIRECTION
10.48
1
2
3
4
8
7
6
5
5.08
3.03
VTI PART
SCA620
SERIAL NUMBER
PART NUMBER
+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com