Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA620 Datasheet(PDF) 1 Page - VTI technologies

Part # SCA620
Description  Accelerometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA620 Datasheet(HTML) 1 Page - VTI technologies

  SCA620 Datasheet HTML 1Page - VTI technologies SCA620 Datasheet HTML 2Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 26 Aug 2004
VTI Technologies reserves the right to modify this specification without prior to notice.
Vout(@Vx) x
RE = 100% x
Vout(@5V)
5.00
V
Vx
1-
SCA620 Series
FEATURES
• Available ranges ±1.7 g
• 8-pin plastic surface mount DIP package mountable
with pick and place machines
• Enhanced failure detection
• Digitally activated electrostatic self test
• Calibration memory parity check
• Continuous connection failure detection
• Bi-directional acceleration measurement
• Controlled frequency response in the sensing element
• Re-flow solderable, process compatible
• Single +5 V supply; ratiometric voltage output in the
range 4.75 … 5.25 V
BENEFITS
• Exceptional reliability, unprecedented accuracy and
excellent stability over temperature and time
• Outstanding overload and shock durability
• No additional components required
APPLICATIONS
• Acceleration measurement
• Inclination measurement
• Motion measurement
• Vibration measurement
For customised product please contact
VTI Technologies
Accelerometer
ELECTRICAL CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Units
Supply voltage Vdd
4.75
5.25
V
Current consumption
Vdd = 5 V; No load
2.0
4.0
mA
Operating temperature
- 40 +
125
°C
Resistive output load
Vout to Vdd or Vss
20
kOhm
Capacitive load
Vout to Vdd or Vss
20
nF
Output noise (1
DC...80 kHz
0.25
mg
PERFORMANCE CHARACTERISTICS
Parameter
Condition/
Comment
SCA620-
CF8H1A
Units
Measuring range (2
Nominal
±1.7
g
Measuring direction (3
Horizontal
Zero point (nom.) (4
Mounting position
Vdd/2
V
Sensitivity
@ room temperature
1.2 (5
V/g
Zero point error (6
-40...125 °C
±125
mg
Zero point tempco (7
-25...85 °C
0.3
±0.6
mg/°C
Sensitivity error
-40...125 °C
±4 (8
%
Sensitivity error (7
-25...85 °C
±3 (8
%
Typical non-linearity (7
Over measuring range
±40 (9
mg
Cross-axis sensitivity (10
5%
Frequency response
-3 dB point (11
50
±30
Hz
Ratiometric error (12
Vdd = 4.75...5.25 V
2
%
VDD = 5.00 V, UNLESS OTHERWISE SPECIFIED
Note 1
The noise density of CF8H1A is 20 µg/ Hz.
Note 2
The measuring range is limited by sensitivity, offset and supply voltage rails of the device.
Note 3
Measuring direction perpendicular to the mounting plane.
Note 4
Vertical versions in +1 g position pins down, horizontal versions leg row 1-4 pointing downwards.
Note 5a
Sensitivity specified as [Vout (+1 g) - Vout(-1g)] / 2 [V/g] .
Note 6
Zero point error specified as (Vout (+0 g) - Vdd/2) / Vsens [g] (room temp. error included);
Vsens = Nominal sensitivity.
Note 7
Typical tolerance, not 100 % tested.
Note 8
Sensitivity error specified as {{[Vout (+1 g) -Vout (-1 g)] / 2} -Vsens} / Vsens x 100 % [%] (room
temp. error included); Vsens = Nominal sensitivity.
Note 9
Relative to straight line between
±1 g.
Note 10
The cross-axis sensitivity determines how much acceleration, perpendicular to the
measuring axis, couples to the output. The total cross-axis sensitivity is the geometric sum
of the sensitivities of the two axes, which are perpendicular to the measuring axis.
Note 11
The output has true DC (0 Hz) response.
Note 12
Supply voltage noise also couples to the output, due to the ratiometric (output proportional
to supply voltage) nature of the accelerometer.
The ratiometric error is specified as:


Similar Part No. - SCA620

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA620-EF1V1B MURATA-SCA620-EF1V1B Datasheet
293Kb / 3P
SCA620-EF1V1B SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA620-EF1V1B MURATA-SCA620-EF1V1B Datasheet
177Kb / 2P
Accelerometers
logo
Murata Manufacturing Co...
SCA620-EF1V1B MURATA1-SCA620-EF1V1B Datasheet
145Kb / 2P
Accelerometers
02/15/2024
logo
Murata Manufacturing Co...
SCA620-EF1V1B MURATA-SCA620-EF1V1B_17 Datasheet
177Kb / 2P
Accelerometers
logo
Murata Manufacturing Co...
SCA620-EF1V1B MURATA1-SCA620-EF1V1B_V01 Datasheet
145Kb / 2P
Accelerometers
02/15/2024
More results

Similar Description - SCA620

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1201P MOTOROLA-MMA1201P Datasheet
267Kb / 8P
MICROMACHINED ACCELEROMETER
logo
VTI technologies
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
Accelerometer/Inclinometer
SCA1000 VTI-SCA1000 Datasheet
387Kb / 3P
Accelerometer
logo
List of Unclassifed Man...
1017A ETC2-1017A Datasheet
52Kb / 2P
PIEZOELECTRIC ACCELEROMETER
1021A ETC2-1021A Datasheet
80Kb / 2P
PIEZOELECTRIC ACCELEROMETER
KX022-1020 ETC2-KX022-1020 Datasheet
2Mb / 75P
Accelerometer Specifications
KXCJK-1013 ETC2-KXCJK-1013 Datasheet
1,007Kb / 31P
Accelerometer Specifications
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
Axis Accelerometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com