Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFV Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFV
Description  5.0V HCMOS COMPATIBLE SMD VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFV Datasheet(HTML) 1 Page - Abracon Corporation

  ASFV Datasheet HTML 1Page - Abracon Corporation ASFV Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ASFV
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
• CCD clock for VTR camera
• Computers and peripherals
• Portable MP3 players and games
FEATURES:
• Pb-Free/RoHS Compliant
• Smallest industry package
• Tri state function
• Suitable for high density SMT
• IR reflow capable
• Hermetically sealed
5.0 x 3.2 x 1.2mm
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
ASFV Series
Frequency range:
1.500000MHz - 50.000000MHz
Operation mode:
Fundamental
Operating temperature:
-10°C to + 70°C (see options)
Storage temperature:
-50°C to +100°C
Current Consumption (Idd):
15mA max for 1.5 ~ 19.9MHz
25mA max for 20.0 ~ 40.0MHz
40mA max for 40.1 ~ 50.0MHz
Symmetry (Duty Cycle):
50% ± 10% (see options)
Rise and Fall Times:
7ns max.
Output Load:
15pF (HCMOS)
Output Voltage:
VOH = 0.9*Vdd min.
VOL = 0.1*Vdd max.
Voltage Control:
0.5 to 4.5V
Transfer Function:
Positive
Linearity:
<±150 ppm freq. deviation: 10% max.; 6% typical
>±150 ppm freq. deviation: 20% max.; 15% typical
Start-up-time:
5mS max for 1.5 ~ 32MHz
10mS max for Frequency > 32MHz
Aging per year:
± 5ppm @25°C
Phase Jitter RMS:
10pS typical
Pullability:
± 60ppm (see options)
Overall Frequency Stablilty:
± 100ppm max. (see options)
Supply Voltage (Vdd):
5.0 V ± 10%
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
5.0V HCMOS COMPATIBLE SMD VCXO
k
l
u
B
k
n
a
l
B
m
p
p
5
2
±
R
T
m
p
p
0
5
±
C
Tape and Reel
m
p
p
0
0
1
±
0
0
1
N
D
T
S
k
n
a
l
B
D
T
S
k
n
a
l
B
L
-40°C to 85°C
m
p
p
0
5
1
±
0
5
1
N
%
5
±
%
0
5
S
Symmetry
ASFV - Frequency -
-
-
-
-
y
t
i
l
i
b
a
l
l
u
P
.
p
m
e
T
g
n
i
t
a
r
e
p
O
Overall Freq. Stability
Frequency
XX.XXX MHz
Packaging
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.11.07
Visit www.abracon.com for Terms & Conditions of Sale


Similar Part No. - ASFV

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASF-1708 L-COM-ASF-1708 Datasheet
50Kb / 1P
CON, SMA FEMALE CRIMP LMR195
03/24/2010
logo
ATMEL Corporation
ASF-3.33 ATMEL-ASF-3.33 Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
logo
Infinite Electronics In...
ASF-3700 L-COM-ASF-3700 Datasheet
51Kb / 1P
CONN SMA F BHD RG58, 195 CRIMP NK
03/29/05
ASF-CAP01 L-COM-ASF-CAP01 Datasheet
120Kb / 1P
CON, SMA FEMALE CAP W/CHAIN
5/4/10
logo
LEMO Connectors
ASF.00.650.NTA LEMO-ASF.00.650.NTA Datasheet
67Kb / 3P
00 - NIM-CAMAC
More results

Similar Description - ASFV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F3345 ETC2-F3345 Datasheet
107Kb / 1P
5.0V HCMOS SMD OSCILLATOR
logo
Fox Electronics
F3345 FOX-F3345 Datasheet
204Kb / 2P
5.0V, HCMOS, SMD Oscillator
VCXO-CLF FOX-VCXO-CLF Datasheet
145Kb / 1P
5.0V, HCMOS, Thru-Hole VCXO
logo
Connor-Winfield Corpora...
HV52-150-024.704M CONNOR-WINFIELD-HV52-150-024.704M Datasheet
121Kb / 2P
14 PIN 5.0V HCMOS VCXO
HV54I-100 CONNOR-WINFIELD-HV54I-100 Datasheet
210Kb / 2P
14 PIN 5.0V HCMOS VCXO
logo
Fox Electronics
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
5.0V, HCMOS, SMD Oscillator
F3345-250 FOX-F3345-250 Datasheet
408Kb / 3P
5.0V, HCMOS, SMD Oscillator
092-80-15 FOX-092-80-15 Datasheet
404Kb / 2P
5.0V, HCMOS, SMD Oscillator
Y5C FOX-Y5C Datasheet
220Kb / 3P
HCMOS 5x3.2mm SMD VCXO
Y3H FOX-Y3H Datasheet
239Kb / 3P
HCMOS 3.2x2.5mm SMD VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com