Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPE Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPE
Description  CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPE Datasheet(HTML) 1 Page - Abracon Corporation

  ASPE Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions: inch (mm)
MARKING:
- XX.XXX
(Frequency)
- ASPE ZYX
(Z: month A to L; Y: year 0 for 2000, 1 for 2001
X: Traceability code
PIN
FUNCTION
1
2
3
4
5
6
Voltage Control
Tri-state
GND/Case
Output
Output
Vdd
Frequency Range
Operating Temperature
Storage Temperature
Overall Frequency Stability
Supply Voltage (Vdd)
Input Current
Symmetry
Rise and Fall Time (Tr/Tf)
Output Load
Output Type
Output Voltage
Pullability
Start-up Time
Tristate Function
Jitter (12KHz - 20MHz)
3.5pS RMS max
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
WITH VOLTAGE CONTROL
WITH VOLTAGE CONTROL
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
WITH VOLTAGE CONTROL
|||||||||||||||
ASPE SERIES
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
OUTLINE DRAWING:
Temperature options:
D for -10°C to +60°C
L for -40°C to +70°C
Stability options:
R for ± 25 ppm
K for ± 30 ppm
H for ± 35 ppm
C for ± 50 ppm
ASPE - Supply Voltage - Frequency - Temperature - Frequency Stability -
Pullability - Symmetry - Packaging
Symmetry option:
- S for 45/55% at 1/2Vdd
Pullability option:
- N100 for ±100 ppm min
Packaging option:
T for Tape and Reel
(1,000pcs/reel)
Supply Voltage options:
V for 3.3V±5%
2 for 2.5V±5%
APPLICATIONS:
• Telecommunications Equipment
• High speed switching devices
• Routing devices
FEATURES:
• Complimentary PECL Outputs
• Compact and low in height
• Tri state function
• 2.5Vdc Supply Voltage Option
• Suitable for high density SMT.,
Reflow capable
• Tight stability option
PARAMETERS
1.544 MHz to 700 MHz
0°C to + 70°C
- 55°C to + 125°C
± 100 ppm max.
3.3 Vdc ± 5%
80mA (for Fo < 160MHz), 120mA (for Fo>160MHz)
40/60 % max. (see options)
400pS max
50
Ω
PECL
VOH = 2.35V Typ (3.3Vdd), 1.55V Typ (2.5Vdd)
VOL = 1.6V Typ (3.3Vdd), 0.8V Typ (2.5Vdd)
± 70 ppm min. (see options)
10mS max
"1" (VIH >= 0.7* Vdd) or open: Oscillation
"0" (VIL < 0.3* Vdd) : No oscillation/Hi Z
Note: Decoupling capacitor shall be connected between Vdd and GND for best performance and stability.
7.0 x 5.08 x 1.8mm


Similar Part No. - ASPE

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
ASPEN10 CAMPBELL-ASPEN10 Datasheet
697Kb / 3P
Edge Device for a Single Sensor
10/01/2023
More results

Similar Description - ASPE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABFM ABRACON-ABFM Datasheet
458Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
07.05.07
ABNM ABRACON-ABNM Datasheet
292Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ABVFM ABRACON-ABVFM Datasheet
1Mb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ALVD ABRACON-ALVD Datasheet
171Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
07.11.07
APVV ABRACON-APVV Datasheet
795Kb / 2P
CERAMIC SMD VOLTAGE CONTROL CRYSTAL OSCILLATOR
ALD ABRACON-ALD Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
APV ABRACON-APV Datasheet
755Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABFM ABRACON-ABFM_08 Datasheet
469Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
04.09.08
ALD ABRACON-ALD_2 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
logo
TEMEX
RVX5032P TEMEX-RVX5032P Datasheet
621Kb / 8P
SMD Voltage Control Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com