Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACDM Datasheet(PDF) 3 Page - Microsemi Corporation

Part # TL431ACDM
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431ACDM Datasheet(HTML) 3 Page - Microsemi Corporation

  TL431ACDM Datasheet HTML 1Page - Microsemi Corporation TL431ACDM Datasheet HTML 2Page - Microsemi Corporation TL431ACDM Datasheet HTML 3Page - Microsemi Corporation TL431ACDM Datasheet HTML 4Page - Microsemi Corporation TL431ACDM Datasheet HTML 5Page - Microsemi Corporation TL431ACDM Datasheet HTML 6Page - Microsemi Corporation TL431ACDM Datasheet HTML 7Page - Microsemi Corporation TL431ACDM Datasheet HTML 8Page - Microsemi Corporation TL431ACDM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TL431 / TL431A / TL431B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 1999
Rev. 1.4, 2006-09-26
Precision programmable References
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperature for the TL431C/TL431AC/TL431BC with
0°C < TA < 70°C, and TL431I/TL431AI/TL431BI with -40°C < TA < 85°C
TL431/A/B
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
TL431
IK = 10mA, VKA = VREF, TA = 25°C
2440
2495
2550
TL431A
IK = 10mA, VKA = VREF, TA = 25°C
2470
2495
2520
Reference Input
Voltage
TL431B
VREF
IK = 10mA, VKA = VREF, TA = 25°C
2490
2500
2510
mV
TL431C
IK = 10mA, VKA = VREF
4
17
TL431I
IK = 10mA, VKA = VREF
5
30
TL431AC
IK = 10mA, VKA = VREF
4
17
TL431AI
IK = 10mA, VKA = VREF
5
30
TL431BC
IK = 10mA, VKA = VREF
4
15
Reference Drift
TL431BI
KA
REF
ΔV
ΔV
IK = 10mA, VKA = VREF
5
20
mV
TL431,
TL431A
IK = 10mA, VKA = 2.5V to 36V
-1.4
-2.7
Voltage Ratio, Ref to
Cathode (Note 4)
TL431B
IK = 10mA, VKA = 2.5V to 36V
-1.1
-2.0
mV/V
TL431,
TL431A
VKA = VREF, TA = 25°C
2
4
Reference Input
Current
TL431B
IREF
VKA = VREF, TA = 25°C
1.5
1.9
µA
Minimum Operating Current
IMIN
VKA = VREF to 36V
0.4
1
mA
TL431
VKA = VREF to 36V, TA= 25°C
0.1
1
TL431A
VKA = VREF to 36V, TA= 25°C
0.1
1
VKA = VREF to 36V, TA= Operating Range
2
Off-State Cathode
Current
TL431B
IOFF
VKA = 36V, VREF = 0V, TA= 25°C
0.18
0.5
µA
TL431
I ZKA I
VKA = VREF, IK = 1mA to 100mA, f < 1kHz,
TA = 25°C
0.2
0.5
Dynamic Impedance
TL431B
VKA = VREF, IK = 1mA to 100mA, f < 1kHz,
TA = 25°C
0.1
0.2
Ω
Note 3: These parameters are guaranteed by design.
Note 4:
KA
REF
ΔV
ΔV
Ratio of change in reference input voltage to the change in cathode voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com