Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACDM Datasheet(PDF) 2 Page - Microsemi Corporation

Part # TL431ACDM
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431ACDM Datasheet(HTML) 2 Page - Microsemi Corporation

  TL431ACDM Datasheet HTML 1Page - Microsemi Corporation TL431ACDM Datasheet HTML 2Page - Microsemi Corporation TL431ACDM Datasheet HTML 3Page - Microsemi Corporation TL431ACDM Datasheet HTML 4Page - Microsemi Corporation TL431ACDM Datasheet HTML 5Page - Microsemi Corporation TL431ACDM Datasheet HTML 6Page - Microsemi Corporation TL431ACDM Datasheet HTML 7Page - Microsemi Corporation TL431ACDM Datasheet HTML 8Page - Microsemi Corporation TL431ACDM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TL431 / TL431A / TL431B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 1999
Rev. 1.4, 2006-09-26
Precision programmable References
TM
®
ABSOLUTE MAXIMUM RATINGS
Cathode to Anode Voltage (VKA)(Note 2) ....................................................... -0.3 to 37V
Reference Input Current (IREF).................................................................. -50µA to 10mA
Continuous Cathode Current (IK).......................................................... -100mA to 150mA
Operating Junction Temperature................................................................................ 150°C
Storage Temperature Range.........................................................................-65°C to 150°C
Package Peak Temp. for Solder Reflow (40 seconds maximum exposure) ... 260°C (+0 -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
Note 2. Voltage values are with respect to the anode terminal unless otherwise noted.
TH ERMAL DATA
DM Plastic SOIC 8-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
165
°C/W
PK Plastic TO-89 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
71
°C/W
LP Plastic TO-92 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
156
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
BLOCK DIAGRAM
Cathode (K)
Anode (A)
V
REF
Ref (R)
PACKAGE PIN OUT
3. Cathode
2. Anode
1. Ref
LP PACKAGE
(Top View)
1
2
3
4
5
6
7
8
Cathode
N.C.
Anode
N.C.
N.C.
Anode
Anode
Ref
DM PACKAGE
(Top View)
1
2
3
Ref
Anode
Cathode
PK PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com