Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSCR-MS Datasheet(PDF) 1 Page - Abracon Corporation

Part # AWSCR-MS
Description  INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-MS Datasheet(HTML) 1 Page - Abracon Corporation

  AWSCR-MS Datasheet HTML 1Page - Abracon Corporation AWSCR-MS Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
AWSCR-MS
INDUSTRIAL GRADE BUILT-IN CAPACITANCE
ELECTRICAL CHARACTERISTICS:
2.5 x 2.0 x 1.2 mm
• Remote controls, Microprocessor clocks, Mobile
phones, DVD & CD-Roms, Electric appliances,
Industrial controllers
• Excellent environmental resistance
• Reflow capable
FEATURES:
• Low resonant impedance
• Industrial grade
• High stability type
• Built-in load capacitance
APPLICATIONS:
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
CERAMIC RESONATOR
TABLE 2.1
15 Vp-p. max
Load Capacitance
see Table 2.2
Storage Temperature
Insulation Resistance
500MΩ min. (10V, 1min)
Operating Temperature
(2) A.C. Voltage
t
n
e
m
e
r
i
u
q
e
R
m
e
t
I
Frequency Range
8.00MHz to 50.00 MHz
Resonant Impedance
See Table 2.1
-55
oC to +85oC
Aging Rate (Fosc)
±0.2% max. (10 years)
60Ω max.
Rating Voltage
(1) D.C.Voltage
Frequency Tolerance
and stability
See Table 2.1
Withstanding Voltage
50 (DC , 1 min)
6 V.D.C. max
Frequency
Resonant
Stability
Impedance
at Operating Temp.
(
Ω
Ω) max
60
Part Number
(XX.XX denotes freq.
in MHz)
Frequency
Tolerance
at 25ºC
-20° to +80°C
60
60
AWSCR-XX.XXMSS
8.00 MHz - 50.00 MHz
±0.5%
AWSCR-XX.XXMSD
8.00 MHz - 50.00 MHz
± 0.3%
± 0.5%
Operating
Temperature
±0.5%
AWSCR-XX.XXMSA
8.00 MHz - 50.00 MHz
±0.5%
± 0.7%
-40° to +125°C
-40° to +85°C
TEST CIRCUIT:
TABLE 2.2
22
22
15
5
CI=C2
pf (±20%)
Freq (MHz)
16.01~40.00
40.01~50.00
8.00~13.00
13.01~16.00
IC:1/6TC4069UBPx2
X:Ceramic Resonator
VDC: +5V
C1 C2 see Table 2.2
1.Input
2.Ground
3.Outp
t ut
Pb in ceramic
(exempt per RoHS 2002/95/EC Annex (7))
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.26.07
Visit www.abracon.com for Terms & Conditions of Sale


Similar Part No. - AWSCR-MS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-ME ABRACON-AWSCR-ME Datasheet
200Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MG ABRACON-AWSCR-MG Datasheet
223Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MGD ABRACON-AWSCR-MGD Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR
12.16.2016
AWSCR-MR ABRACON-AWSCR-MR Datasheet
164Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MT ABRACON-AWSCR-MT Datasheet
364Kb / 3P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.25.07
More results

Similar Description - AWSCR-MS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-ME ABRACON-AWSCR-ME Datasheet
200Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MG ABRACON-AWSCR-MG Datasheet
223Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MR ABRACON-AWSCR-MR Datasheet
164Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MT ABRACON-AWSCR-MT Datasheet
364Kb / 3P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.25.07
AWSCR-MV ABRACON-AWSCR-MV Datasheet
527Kb / 1P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
AWSCR-16.00MTD-T ABRACON-AWSCR-16.00MTD-T Datasheet
422Kb / 3P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.20.07
AWSCR-24.00MTD-T ABRACON-AWSCR-24.00MTD-T Datasheet
422Kb / 3P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.20.07
AWSCR-25.00CW-T ABRACON-AWSCR-25.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
AWSCR-27.00CW-T ABRACON-AWSCR-27.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
AWSCR-30.00CW-T ABRACON-AWSCR-30.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com