Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPR802 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPR802
Description  Surface Mount UES Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPR802 Datasheet(HTML) 2 Page - Microsemi Corporation

  UPR802 Datasheet HTML 1Page - Microsemi Corporation UPR802 Datasheet HTML 2Page - Microsemi Corporation UPR802 Datasheet HTML 3Page - Microsemi Corporation UPR802 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi
580 Pleasant Street, Watertown, MA. 02472-2408, 617-926-0404, Fax: 617-924-1235
Page 2
Copyright
 2001
Rev. 0.03, 2003-12-10
UPR802
Surface Mount UES Rectifiers
PRODUCT PREVIEW
WATERTOWN DIVISI ON
ELECTRI CAL PARAMETERS@25°C (unless otherwise specified)
Parameter
Symbol
Conditions
Typ.
Units
On characteristics (pulsed Width = 400
µs, Duty Cycle <1%)
Forward Voltage
Vf
IF = 4.0A
1.2
V
Forward Voltage
Vf
IF = 8.0A
1.35
V
Forward Voltage Tc = 125 °C
Vf
IF = 8.0A
1.1
V
Reverse Current
IR
Ir = VR
10
µA
Reverse Current Tc = 125 °C
IR
Ir = VR
250
µA
Switching characteristics (Tc = 25
°C)
Reverse Recovery Time
Trr
dI/dt = 100 A/
µs
35
ns
PRODUCT PRELIMINARY DATA – Information contained in this document is pre-production
data, and is proprietary to Microsemi Corp. It may not be modified in any way without the express
written consent of Microsemi Corp. Product referred to herein is not guaranteed to achieve
preliminary or production status and product specifications, configurations, and availability may
change at any time.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com