Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPR802 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPR802
Description  Surface Mount UES Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPR802 Datasheet(HTML) 1 Page - Microsemi Corporation

  UPR802 Datasheet HTML 1Page - Microsemi Corporation UPR802 Datasheet HTML 2Page - Microsemi Corporation UPR802 Datasheet HTML 3Page - Microsemi Corporation UPR802 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi
580 Pleasant Street, Watertown, MA. 02472-2408, 617-926-0404, Fax: 617-924-1235
Page 1
Copyright
 2001
Rev. 0.03, 2003-12-10
UPR802
Surface Mount UES Rectifiers
PRODUCT PREVIEW
WATERTOWN DIVISI ON
DESCRIPTION
This state of the art high frequency
rectifier is ideally suited for
applications requiring high
blocking voltage. It has the ability
to switch significant current with
minimal switching transients and
losses. Leakage current at high
temperature has been minimized;
achieving exceptionally low reverse loses.
An ultra stable process ensures high
reliability and long life.
This device is designed for a wide variety of
high-frequency applications.
IMPORTANT: Forthemostcurrentdata,consultMICROSEMI’swebsite:http://www.microsemi.com
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Peak Reverse Voltage UPR802
VR1
200
V
Average DC Output Current Tc = 130 ºC
Io
8
A
Peak Forward Surge Current 8.3 mS
VF
100
A
Storage Temperature
T stg
-55 to 150
ºC
Operating Temperature
T op
-55 to 150
ºC
THERMAL CHARACTERISTICS
(UNLESS OTHERWISE SPECIFIED)
(1) Mounted on 2” square by 0.06’ thick FR4 board with a 1” x 1” square 2 ounce copper pattern.
(2) Mounted on 0.06 thick FR4 board, using recommended footprint.
Thermal Resistance
Junction-to Case
Rjtab
2.0
ºC/Watt
KEY FEATUR ES
Ultra Fast Recovery-35ns
Controlled Avalanche
High Temperature Operation
with Low Loss
Minimal Recovery Transients
Low Turn-on Voltage
Powermite 3 Package
APPLICATIONS/BENEFITS
Battery Charger and Switching
Circuits Where the intrinsic
source-drain diode is an
undesirable feature
Small foot print


Similar Part No. - UPR802

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPR TOKEN-UPR Datasheet
441Kb / 6P
Ultra Precision Resistor Networks
logo
Pepperl+Fuchs Inc.
UPR-03 PF-UPR-03 Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03-M PF-UPR-03-M Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03-S PF-UPR-03-S Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
Cover for DIN Mounting Rail
2021-04-08
More results

Similar Description - UPR802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPR20 MICROSEMI-UPR20 Datasheet
316Kb / 2P
SURFACE MOUNT UES RECTIFIERS
UPR5 MICROSEMI-UPR5 Datasheet
298Kb / 2P
SURFACE MOUNT UES RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com