Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASA
Description  HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASA Datasheet(HTML) 1 Page - Abracon Corporation

  ASA Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions: inch (mm)
MARKING:
- XX.X R
(
XX.X First 3 digits of frequency)
- A1 ZYW
(Z: month A to L; Y: year 4 for 2004
W: Traceability code (A-Z))
(1 for ASA1, 2 for ASA2, None for ASA)
PIN
FUNCTION
1
2
3
4
Vdd
Tri-State
GND/Case
Output
P/N
Vdd (V)
TABLE 1
ASA
ASA1
ASA2
3.3±0.1
2.5±0.1
1.8±0.1
Frequency Range
Operating Temperature
Storage Temperature
Overall Frequency Stability
Supply Voltage (Vdd)
Input Current
Symmetry
Rise and Fall Time (Tr/Tf)
Output Load
Output Voltage
Start-up Time
Tristate Function
(stand-by)
Aging at 25°C/year
*Please contact factory
for frequency stability /
temperature range options.
: PRELIMINARY
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
|||||||||||||||
ASA SERIES
STANDARD SPECIFICATIONS:
*RoHS COMPLIANT
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
OUTLINE DRAWING:
Temperature options:
E for -20°C to +70°C
F for -30°C to +70°C
N for -30°C to +85°C
L for -40°C to +85°C
Overall Frequency stability options:
R15 for ± 15 ppm max.
J for ± 20 ppm max.
K for ± 30 ppm max.
C for ± 50 ppm max.
ASAX - Frequency - Temperature - Overall Frequency Stability - Packaging
Vdd options:
Blank (3.3Vdc±0.1V), 1 (2.5Vdc±0.1V), 2 (1.8Vdc±0.1V)
(See table 1)
Symmetry option:
- S for 45/55% at 1/2Vdd
Packaging option: T for Tape and Reel (1,000pcs/reel, Dia.180mm)
"H" or "open": Oscillation
"L": Oscillation stops/Hi impedance
*
APPLICATIONS:
• CCD clock for VTR camera
• Computers and peripherals
• Portable electronics
FEATURES:
• Pb-Free/RoHS Compliant
• Smallest industry package
• Tri state function
• Suitable for high density SMT.
Reflow capable
• Hermetically sealed
PARAMETERS
1.000 MHz to 80 MHz
-10°C to + 60°C (See Options)
- 40°C to + 85°C
± 50 ppm max. (see options)
See Table 1
20mA max
40/60 % max.@ 1/2Vdd (see options)
10ns max
15 pF (3TTL)
VOH = 0.9* Vdd min.
VOL = 0.1* Vdd max.
10ms max.
"1" (VIH >= 0.7* Vdd) or open: Oscillation
"0" (VIL < 0.3* Vdd) : No oscillation/Hi Z
± 5ppm max.
Note: Decoupling capacitor shall be connected between Vdd and GND for best performance and stability.
2.0 X 1.6 X 0.7mm


Similar Part No. - ASA

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ASA EMERSON-NETWORKPOWER-ASA Datasheet
128Kb / 2P
ASA 6W Series
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
Short circuit protection
logo
Artesyn Technologies
ASA ARTESYN-ASA Datasheet
701Kb / 3P
Encapsulated
logo
Advanced Energy Industr...
ASA ADVANCEDENERGY-ASA Datasheet
209Kb / 4P
10 Watts
logo
Polymaker Industrial
ASA POLYMAKER-ASA Datasheet
152Kb / 2P
PolyLite™ ASA
Jan. 2019 Version 4.1
More results

Similar Description - ASA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AP5S ABRACON-AP5S Datasheet
157Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
ASD ABRACON-ASD Datasheet
222Kb / 2P
LOW VOLTAGE HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
5.10.07
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
logo
Connor-Winfield Corpora...
6113 CONNOR-WINFIELD-6113 Datasheet
84Kb / 2P
3.3V HCMOS Surface Mount Crystal Clock Oscillator
6115 CONNOR-WINFIELD-6115 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
6215 CONNOR-WINFIELD-6215 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
7115 CONNOR-WINFIELD-7115 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
7215 CONNOR-WINFIELD-7215 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
logo
Abracon Corporation
ASA1 ABRACON-ASA1 Datasheet
1Mb / 2P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
03.12.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com