Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASD
Description  LOW VOLTAGE HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASD Datasheet(HTML) 1 Page - Abracon Corporation

  ASD Datasheet HTML 1Page - Abracon Corporation ASD Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||| |
ASD SERIES
• CCD clock for VTR Camera
• Equipment connected to PC or PC cards
• Thin equipment
• Lead-Free
• Compact and low in height
• Low current consumption
• Tri state function
• Suitable for high density SMT
• Tight stability option
• Seam sealed package
REVISED: 5.10.07
Pb RoHS
Compliant
Frequency Range
ABRACON P/N
Operating Temperature
Storage Temperature
Overall Frequency Stability
Supply Voltage (Vdd)
Input Current
Symmetry
Rise and Fall Time (Tr/Tf)
Output Load
Output Voltage
Start-up Time
Tristate Function
(stand-by)
Aging at 25°C/year
Peak to Peak Jitter
RMS Jitter
Disabled Current
1.000 MHz to 80 MHz
ASD Series
-10°C to + 60°C (see options)
- 40°C to + 85°C
± 100 ppm max. (see options)
3.3 ± 0.3 (see table 1)
40/60 % max.@ 1/2Vdd (see options)
See Table 3
15 pF (3TTL), (1TTL for 1.8V version)
VOH = 0.9* Vdd min.
VOL = 0.1* Vdd max.
10ms max.
"1" (VIH >= 0.7* Vdd) or open: Oscillation
"0" (VIL < 0.3* Vdd) : No oscillation/Hi Z
± 5ppm max.
31ps (Typical)
4.3ps (Typical)
15μA max.
2.5 X 2.0 X 0.8mm
P/N
Vdd (V)
TABLE 1
ASD
ASD1
3.3±0.3
3.0±0.3
2.7±0.2
ASD
ASD3
2
1.8±0.18
F
I @ Vdd typ.
TABLE 2 - Example Value
20MHz
50MHz
5mA@3.0V
8mA@3.0V
Freq. (MHz) Tr/Tf (ns max)
TABLE 3
1.0 ~ 34.99
35.0 ~ 80.0
10ns
6ns
(depending on F and Vdd)
• IR reflow capable
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
PARAMETERS
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Blank
3.3±0.3
E
-20°C to +70°C
R15
± 15 ppm (*)
1
3.0±0.3
F
-30°C to +70°C
J
± 20 ppm (*1)
2
2.7±0.2
N
-30°C to +85°C
R
± 25 ppm (*2)
3
1.8±0.18
L
-40°C to +85°C
K
± 30 ppm
H
± 35 ppm
C
± 50 ppm
*: Standard Temp Only
*1 : Standard and E only
*2 : Standard, E, F,and N only
S
45/55%
at 1/2 Vdd
T
Tape and Reel
(1000pcs/reel)
Symmetry Option
Freq. Stability
Packaging
ASD - Frequency -
-
-
-
P/N and Vdd (V)
Operating Temp.
LOW VOLTAGE HCMOS SURFACE-MOUNT
CRYSTAL CLOCK OSCILLATOR


Similar Part No. - ASD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ASD MSYSTEM-ASD Datasheet
113Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
Abracon Corporation
ASD ABRACON-ASD Datasheet
882Kb / 4P
HCMOS SMD Crystal Oscillator
01.19.15
logo
PAIRUI GROUP INC.
ASD-10 PAIRUI-ASD-10 Datasheet
292Kb / 4P
AC-DC Converter
ASD-10 PAIRUI-ASD-10 Datasheet
165Kb / 4P
AC-DC Converter
ASD-10 PAIRUI-ASD-10_19 Datasheet
165Kb / 4P
AC-DC Converter
More results

Similar Description - ASD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AP5S ABRACON-AP5S Datasheet
157Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
logo
Connor-Winfield Corpora...
6113 CONNOR-WINFIELD-6113 Datasheet
84Kb / 2P
3.3V HCMOS Surface Mount Crystal Clock Oscillator
6115 CONNOR-WINFIELD-6115 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
6215 CONNOR-WINFIELD-6215 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
7115 CONNOR-WINFIELD-7115 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
7215 CONNOR-WINFIELD-7215 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
logo
Abracon Corporation
ASA1 ABRACON-ASA1 Datasheet
1Mb / 2P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
03.12.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com