Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C121102JCG2 Datasheet(PDF) 1 Page - Bi technologies

Part # C121102JCG2
Description  Single-In-Line Conformal Coated Capacitor Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

C121102JCG2 Datasheet(HTML) 1 Page - Bi technologies

  C121102JCG2 Datasheet HTML 1Page - Bi technologies C121102JCG2 Datasheet HTML 2Page - Bi technologies C121102JCG2 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4
4-35
Model C Series
ELECTRICAL
FEATURES
Rated Voltage
25Vdc, 50Vdc, 100Vdc
Capacitance Range
10pF to 470,000pF (Custom 2.2pF to 10pF max.)
Tolerance
J Tol.
K Tol.
M Tol.
Z Tol.
±5%
±10%
±20%
+80% to -20%
Temperature Coefficient
Refer to Dielectric Table
(% of Change)
Operating Temperature Range
CG & X7R: -55°C to +125°C
Y5V: -30°C to +85°C
MODEL C SERIES
Single-In-Line
Conformal Coated
Capacitor Networks
Specifications subject to change without notice.
• Isolated or bussed circuits
• 4 to 14 Leads
DIELECTRIC TABLE
Dielectric
Characteristics
Values
X7R
±15% (-55 to +125°C)
680pF to 47nF
Y5V
+22% to -82% (-30 to +85°C)
10pF to 1,500pF
CG (NPO)
±30ppm/°C
10pF to 1,500pF


Similar Part No. - C121102JCG2

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12119 LEDIL-C12119 Datasheet
253Kb / 4P
Brooke Reflector
C12119 LEDIL-C12119 Datasheet
1Mb / 4P
~30째 medium beam
C12119 LEDIL-C12119_18 Datasheet
1Mb / 4P
~30째 medium beam
More results

Similar Description - C121102JCG2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS206 VISHAY-CS206 Datasheet
333Kb / 2P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
10-Sep-04
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
09-Jan-07
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
Capacitor Networks, Single-In-Line,Conformal Coated SIP,
07-Aug-08
TAS VISHAY-TAS Datasheet
416Kb / 5P
Conformal, Single-In-Line Resistor Networks
15-Nov-07
VTF VISHAY-VTF Datasheet
235Kb / 4P
Conformal, Single In-Line Resistor Networks (Custom)
16-May-07
VTF2 VISHAY-VTF2 Datasheet
751Kb / 9P
Conformal, Single In-Line Resistor Networks (Standard)
05-Mar-08
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com