Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7159C Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7159C
Description  Dual Channel Synchronous Buck PWM Controller for SMPS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7159C Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7159C Datasheet HTML 1Page - Anpec Electronics Coropration APW7159C Datasheet HTML 2Page - Anpec Electronics Coropration APW7159C Datasheet HTML 3Page - Anpec Electronics Coropration APW7159C Datasheet HTML 4Page - Anpec Electronics Coropration APW7159C Datasheet HTML 5Page - Anpec Electronics Coropration APW7159C Datasheet HTML 6Page - Anpec Electronics Coropration APW7159C Datasheet HTML 7Page - Anpec Electronics Coropration APW7159C Datasheet HTML 8Page - Anpec Electronics Coropration APW7159C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2019
APW7159C
www.anpec.com.tw
4
Unless oth erwise sp ecifie d, these specifica tio ns ap ply o ve r V IN=12V, V OUT= 3.3V a nd TA= -4 0 ~ 85
o
C. Typical value s are at TA=25
o
C.
APW7 159C
Symbol
P arame ter
Test Conditions
Min.
Typ.
Ma x.
Unit
SUP PLY CURRENT
VCC Sup ply Curr ent (S hutdown
Mode )
V VCC<5V, S S=GND
-
1
2
mA
IVCC
VCC Sup ply Curr ent
UG ATE1/UGATE2 and
L GATE 1/LGATE2 ope n
-
5
10
mA
PO WER-ON-RES ET ( POR) AND LO CKO UT VOLTAG E THRES HO LDS
Rising VCC Thr eshold
9
9.5
10
V
Fallin g V CC Thresho ld
-
4.6
-
V
Rising VOCSET1/V OCSET2 Threshol d
-
1.6
-
V
Fallin g V OCSET1/VOCSET2 Th reshold
-
1.0
-
V
OS CILLATO R
FOSC
Free Runn ing Frequ ency
RT = NC, V VCC =12V
45
50
55
kHz
Pr ogrammab le Fr equen cy Range
Con nect Resistor from RT to G ND
45
-
400
kHz
Total Fre quen cy A ccura cy
O ve r-Temper ature
-10
-
10
%
V
OSC
Ramp A mplitude
(Note 4)
-
1.9
-
V
Duty Cycl e
0
-
100
%
REFERENCE VO LTAG E
VREF
Referen ce Voltage
-
1.0
-
V
Referen ce Voltage Toler ance
V VCC=10V ~13 .2V
-0.8
-
+0.8
%
Loa d Re gula tio n
(Note 4)
IOUT1= IOUT2=0A~10A
-
0.01
-
%/A
PWM ERROR AMPLIFIERS
Op en Loo p G ain
(No te 4)
RL=10k
Ω, CL=10pF
(Note 4)
-
88
-
dB
Unity-Gain B andwidth
(Note 4)
R
L= 10kΩ, CL=1 0pF
(Note 4)
-
15
-
MHz
Sl ew Rate
(Note 4)
RL=10k
Ω, C
L=1 0pF
(Note 4)
-
6
-
V/
µs
FB1/FB2 Input Cu rrent
V FB1/VFB2=1.0V
-
-
0.1
µA
COMP1 /COMP 2 Source Curre nt
V COMP=2V
-
5
-
mA
COMP1 /COMP 2 Sink Cu rrent
V
COMP= 2V
-
5
-
mA
BOO T-STRAP DIODE AND SOFT- START
VF
Diode For war d Vo ltag e
IF=1 0mA
-
0.8
-
V
ISS
So ft-Sta rt Charg e Cu rrent
24
30
36
µA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com