Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7159C Datasheet (PDF) - Anpec Electronics Coropration

APW7159C Datasheet PDF - Anpec Electronics Coropration
Part # APW7159C
Download  APW7159C Download
File Size   357.44 Kbytes
Page   27 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Channel Synchronous Buck PWM Controller for SMPS

APW7159C Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7159C Datasheet PDF - Anpec Electronics Coropration

Part # APW7159C
Download  APW7159C Click to download

File Size   357.44 Kbytes
Page   27 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Channel Synchronous Buck PWM Controller for SMPS

APW7159C Datasheet (HTML) - Anpec Electronics Coropration


APW7159C Product details

Features
· Single 12V Power Supply Required
· Excellent Output Voltage Regulation
- 1.0V±0.8% Internal Reference Over Line and
Temperature
· Simple Single Loop Control Design
- Voltage Mode PWM Control
· 0~100% Duty Ratio
· Programmable Frequency Range from 50kHz to
400kHz (Constant 50kHz when Floating)
· Integrated Soft-Start and Soft-Off (Patent Pending)
· Support Pre-Biased Power-On
· Both Channel with 180o Phase Shift
· Integrated Boot-Strap Diode
· Over-Current Protection
- Sense High Side MOSFET’s RDS(ON)
· 120% Over-Voltage Protection
· 50% Under-Voltage Protection
· Over-Temperature Protection
· Available in SOP-20, TSSOP-20 and TSSOP-20P
Packages
· Lead Free and Green Devices Available
(RoHS Compliant)

Applications
· SMPS

General Description
· SMPS
Simplified Application Circuit
S
The APW7159C is a dual channel voltage mode and synchronous PWM controller which drives dual N-channel
MOSFETs. The two channels are operated with 180 degree phase shift.
The device integrates all of the control, monitoring, and
protecting functions into a single package; provides two
controlled power output with over-voltage, overtemperature, and over-current protections.
The APW7159C provides excellent regulation for output
load variation. The internal 1.0V temperature-compensated reference voltage provides high accuracy of 0.8%
over line and temperature. The device includes a 50kHz
free-running triangle-wave oscillator that is adjustable
from 50kHz to 400kHz.
The APW7159C has been equipped with excellent protection functions: POR, OCP, UVP, and OVP protections.
The Power-On-Reset (POR) circuit can monitor the VCC
and OCSET voltage to make sure the supply voltage exceeds their threshold voltage while the controller is
running. The Over-Current Protection (OCP) monitors the
output current by using the voltage drop across the high
side MOSFET’s RDS(ON). When the output current reaches
the trip point, the controller will be latched. Under-Voltage
Protection(UVP) and Over-Voltage Protection (OVP) monitor the FB voltage to protect APW7159C from burnout
when output voltage is under 50% or over 120% of normal output voltage. The APW7159C is available in SOP20, TSSOP-20 and TSSOP-20P packages.




Similar Part No. - APW7159C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153A ANPEC-APW7153A Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153AKAI-TRG ANPEC-APW7153AKAI-TRG Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153AQBI-TRG ANPEC-APW7153AQBI-TRG Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7153B ANPEC-APW7153B Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
More results


Similar Description - APW7159C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
1-Channel Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com