Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CSR1
Description  Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSR1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CSR1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSR1 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSR1 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSR1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Operation
Solid State Relay
LINEAR CONTROL4-20mA to 24-380 VAC
AC TO AC
VARIABLE RESISTANCE INPUT(POTENTIOMETER)
Operation
Part Number
Price
Max. Current
One cycle duration
Input Method
Output Voltage
SSR 25 VA
R 190.00
25A
275A
Potentiometer
24-380 VAC
SSR 40 VA
R 232.00
40A
410A
Potentiometer
24-380 VAC
Part Number
Price
Max. Current
One cycle duration
Input Voltage
Trigger Current
Output Voltage
SSR 10 AA
R 200.00
10A
135A
80-250 VAC
5.0mA/110VAC
24-250 VAC
SSR 25 AA
R 253.00
25A
275A
80-250 VAC
5.0mA/110VAC
24-250 VAC
SSR 40 AA
R 296.00
40A
410A
80-250 VAC
5.0mA/110VAC
24-250 VAC
Operation
Part Number
Price
Max. Current
One cycle duration
Input Voltage
Input Resistance
Output Voltage
SSR 25 LA
R 261.00
25A
275A
3-20 mA
Appr. 1.2kΩ
90-250 VAC
SSR 40 LA
R 333.00
40A
410A
3-20 mA
Appr. 1.2kΩ
90-250 VAC
SSR 50 LA
R 437.00
50A
550A
3-20 mA
Appr. 1.2kΩ
90-250 VAC
SSR 75 LA
R 582.00
75A
820A
3-20 mA
Appr. 1.2kΩ
90-250 VAC
Connection Diagram
Dimensions
Connection Diagram
Connection Diagram
Dimensions
Input Current VS Output Current
0-110 VAC..................250k
Trimmer-potentiometer
0-220 VAC..................500k
Trimmer-potentiometer
0-380 VAC..................1M
Trimmer-potentiometer
Ω
Ω
Ω
4- 20 mA input current will give a proportional output current. (See chart)
Input voltage between 80-250VAC will switch output on.
By changing the input resistance, output is
proportionally controlled.
Switch Technique KZN, March 2012
69
Prices Exclude VAT, E&OE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com