Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSR1
Description  Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSR1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSR1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSR1 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSR1 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSR1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Solid State Relay
. High reliability by S.M.T. & TQC. (SURFACE MOUNTING TECHNOLOGY
. High isolation more than 50M
/ 500 VDC
. High dielectric strength over 2.5 KV
. Low switching current, current less than 7.5ma / 12 VDC C MOS IC or
TTL compatible
. Low EMI / EFI & surge by means of zero cross trigger method
. High surge current duration over 10 times of rated current / one cycle
. High surge voltage duration by Snubber circuit
Ω
Terminal Type
Eg. SSR - 40 D A-H
High voltage: H: high voltage type
90-480 VAC
/ Non: standard type
24-380 VAC
Output voltage: A - AC voltage / D - DC voltage
Input voltage: D - DC3W-32V
A - AC80-250V<ON/OFF>
/
V - variable resistor
Output current: 10 - 10A
25 - 25A
40 - 40A
50 - 50A
75 - 75A
Product: SSR - single phase solid state relay
TSR - three phase solid state relay
<>
<>
<ON/OFF>
/ L - 4-20mA (linear)
Control Method
Zero Cross Trigger Method
Variable Resistance Control Method(Trimmer control method)
- Output TURNS ON or TURNS OFF only on Zero Cross Point
of sine wave, avoids surge or EMI / RFI occurring
- Special suited to control resistive, capacitive and non-saturated
inductive loads
- Power output is controlled by Trigger Angle of Triac with variable
resistor 250
/ 110 VAC, 500
/ 200 VAC, 1M
/ 380 VAC
ΩΩ
Ω
Switch Technique KZN, March 2012
67
Prices Exclude VAT, E&OE


Similar Part No. - CSR1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSR1004A ETC2-CSR1004A Datasheet
112Kb / 2P
POWER REGULATOR CHIP
CSR1004B ETC2-CSR1004B Datasheet
112Kb / 2P
POWER REGULATOR CHIP
logo
Chip Integration Techno...
CSR1045-A CITC-CSR1045-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
185Kb / 3P
Ultra Low Ohm (Metal Strip) Chip Resistor
More results

Similar Description - CSR1

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com