Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC162 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC162
Description  Synchronous Decade Counter with Asynchronous Clear
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC162 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC162 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC162 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC162 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC162 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC162 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC162 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5008
January 1992
MM74HC160 Synchronous
Decade Counter with Asynchronous Clear
MM54HC161MM74HC161 Synchronous
Binary Counter with Asynchronous Clear
MM54HC162MM74HC162 Synchronous
Decade Counter with Synchronous Clear
MM54HC163MM74HC163 Synchronous
Binary Counter with Synchronous Clear
General Description
The MM54HC160MM74HC160
MM54HC161
MM74HC161
MM54HC162MM74HC162
and
MM54HC163MM74HC163 synchronous presettable count-
ers utilize advanced silicon-gate CMOS technology and in-
ternal look-ahead carry logic for use in high speed counting
applications They offer the high noise immunity and low
power consumption inherent to CMOS with speeds similar
to low power Schottky TTL The ’HC160 and the ’HC162 are
4 bit decade counters and the ’HC161 and the ’HC163 are
4 bit binary counters All flip-flops are clocked simultaneous-
ly on the low to high transition (positive edge) of the CLOCK
input waveform
These counters may be preset using the LOAD input Pre-
setting of all four flip-flops is synchronous to the rising edge
of CLOCK When LOAD is held low counting is disabled and
the data on the A B C and D inputs is loaded into the
counter on the rising edge of CLOCK If the load input is
taken high before the positive edge of CLOCK the count
operation will be unaffected
All of these counters may be cleared by utilizing the CLEAR
input The clear function on the MM54HC162MM74HC162
and MM54HC163MM74HC163 counters are synchronous
to the clock That is the counters are cleared on the posi-
tive edge of CLOCK while the clear input is held low
The MM54HC160MM74HC160 and MM54HC161
MM74HC161 counters are cleared asynchronously When
the CLEAR is taken low the counter is cleared immediately
regardless of the CLOCK
Two active high enable inputs (ENP and ENT) and a RIP-
PLE CARRY (RC) output are provided to enable easy cas-
cading of counters Both ENABLE inputs must be high to
count The ENT input also enables the RC output When
enabled the RC outputs a positive pulse when the counter
overflows This pulse is approximately equal in duration to
the high level portion of the QA output The RC output is fed
to successive cascaded stages to facilitate easy implemen-
tation of N-bit counters
All inputs are protected from damage due to static dis-
charge by diodes to VCC and ground
Features
Y
Typical operating frequency 40 MHz
Y
Typical propagation delay clock to Q 18 ns
Y
Low quiescent current 80 mA maximum (74HC Series)
Y
Low input current 1 mA maximum
Y
Wide power supply range 2 – 6V
Connection Diagram
TLF5008 – 1
Order Number MM54HC161162163
or MM74HC160161162163
Truth Tables
’HC160HC161
CLK
CLR
ENP
ENT
Load
Function
X
L
X
X
X
Clear
X
H
H
L
H
Count
RC disabled
X
H
L
H
H
Count disabled
X
H
L
L
H
Count
RC disabled
u
H
X
X
L
Load
u
H
H
H
H
Increment Counter
H e high level L e low level
X e don’t care
u e low to high transition
’HC162HC163
CLK
CLR
ENP
ENT
Load
Function
u
L
X
X
X
Clear
X
H
H
L
H
Count
RC disabled
X
H
L
H
H
Count disabled
X
H
L
L
H
Count
RC disabled
u
H
X
X
L
Load
u
H
H
H
H
Increment Counter
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MM54HC162

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC166 NSC-MM54HC166 Datasheet
156Kb / 6P
8-Bit Parallel In/Serial Out Shift Registers
More results

Similar Description - MM54HC162

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40160B PHILIPS-HEF40160B Datasheet
155Kb / 10P
4-bit synchronous decade counter with asynchronous reset
January 1995
logo
Fairchild Semiconductor
DM74AS161 FAIRCHILD-DM74AS161 Datasheet
72Kb / 7P
Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
National Semiconductor ...
CD40161BM NSC-CD40161BM Datasheet
150Kb / 8P
Decade Counter with Asynchronous Clear
logo
NXP Semiconductors
74AC11190 PHILIPS-74AC11190 Datasheet
339Kb / 12P
ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
logo
Renesas Technology Corp
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
Synchronous Decade Counter (direct clear)
HD74LS162A RENESAS-HD74LS162A Datasheet
201Kb / 11P
Synchronous Decade Counter (synchronous clear)
HD74HC160 RENESAS-HD74HC160 Datasheet
159Kb / 15P
Synchronous Decade Counter (Direct Clear)
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com