Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDM35LSFSYR1HTX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UDM35LSFSYR1HTX
Description  Digital Panel Meters Modular Indicator and Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UDM35LSFSYR1HTX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UDM35LSFSYR1HTX Datasheet HTML 1Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 2Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 3Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 4Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 5Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 6Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 7Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 8Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Specifications are subject to change without notice
UDM35DS 040706
1
• Multi-input modular instrument 3 1/2 dgt LED
• 0.1% RDG basic accuracy
• TRMS AC current and voltage measurements
• AC/DC current measurements: selectable full scales
(200µA to 5A)
• AC/DC voltage measurements: selectable full scales
(200mV to 500V)
• °C or °F temperature measurements
(Pt100-250-500-1000, Ni100, TC J-K-S-T-E)
• Resistance measurements: selectable full scales
(20
Ω to 20kΩ)
• Up to 4 independent alarm set-points (optional)
• 20mA/10VDC analog output (optional)
• Serial port RS485 or RS232 (optional)
• MODBUS, JBUS communication protocol
Product Description
µp-based
digital
panel
meter, 3 1/2 dgt LED indica-
tor, for current, voltage, tem-
perature
and
resistance
measurements.
Measuring
ranges and functions easily
programmable from the key-
pad or from the PC by
means of optional UdmSoft
software. UDM
35 includes
storage min-max functions
and double level protection
password.
Housing
for
panel mounting with front
protection
degree:
IP67,
NEMA4x.
Type UDM35
Type Selection
Slot A (measuring inputs)
LSX:
signal inputs:
0.2-2-20mA DC/AC;
0.2-2-20V DC/AC
LSE/
LSF:
signal inputs + AUX:
0.2-2-20mA DC/AC;
0.2-2-20V DC/AC
HSX:
signal inputs:
0.2-2-5A DC/AC;
20-200-500V DC/AC
TRX:
signal inputs: TC tem-
perature probes (J-K-S-
T-E, Pt100-250-500-
1000) and resistance
(0.02-0.2-2-20k
Ω)
Slot B (communication)
XX:
None
SX:
Serial port RS485
SY:
Serial port RS232
AV (*): Single analogue output,
0 to 20mA DC and
0 to 10V DC
Slot D (power supply)
H:
90 to 260V AC/DC
L:
18 to 60V AC/DC
Options
XX:
None
TX:
Tropicalization
Model
Slot A
Slot B
Slot C
Slot D
Options
How to order
UDM35 XXX XX XX X XX
Analogue inputs
Channels and variable
BQ LSX module
1, mA and V DC/AC
BQ LSE/BQ LSF module
1, mA and V DC/AC + AUX
BQ HSX module
1, A and V DC/AC
BQ TRX module
1, temperature
BQ TRX module
1, resistance
Digital inputs
Incl. in the measuring module
Number of inputs
1 (voltage-free)
Use
key-pad lock
Display hold
Reset of latch alarms
Contact reading signal
BQ xxx: <0.1mA, <3,5V DC
BQ LSE/BQ LSF: <2.5mA,
<14V DC
Close contact resistance
Max 1k
Ω
Open contact resistance
Min 500k
Ω
Insulation
Non-insulated
Accuracy (display, RS485)
See table “Measuring
accuracy”, temperature drifts
and minimum-maximum
indications”
Input Specifications
• Front protection degree: IP67, NEMA4x
How to order
UdmSoft-kit
UdmSoft-kit: software plus “UCOM1” communication cable for
programming UDM
35 by means of PC.
Modular Indicator and Controller
Digital Panel Meters
Slot C (communication and alarm)
XX:
None
R1:
single relay output,
(AC1-8AAC, 250VAC)
R2:
Dual relay output,
(AC1-8AAC, 250VAC)
R4:
Dual relay output (AC1-
8AAC, 250VAC) + dual
open collector output
(NPN, 100mA)
R5:
4 relay outputs
(AC1-5AAC, 250VAC)
AV(*): Single analogue output,
0 to 20mA DC and
0 to 10V DC
(*):
The two analogue
outputs cannot be
used at the same
time. It is possible to
plug in only one
module by instru-
ment.


Similar Part No. - UDM35LSFSYR1HTX

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
UDM-1U APACER-UDM-1U Datasheet
2Mb / 4P
Compliant with the standard USB, 20-pin Connector, Pin-Pitch B
UDM-1U-M APACER-UDM-1U-M Datasheet
2Mb / 4P
Compliant with the standard USB, 20-pin Connector, Pin-Pitch B
UDM2A APACER-UDM2A Datasheet
1Mb / 4P
USB2.0 flash disk module in a small form factor designed for embedded applications
UDM2A-LP-90D APACER-UDM2A-LP-90D Datasheet
1Mb / 4P
USB2.0 flash disk module in a small form factor designed for embedded applications
UDM2A-M APACER-UDM2A-M Datasheet
1Mb / 4P
USB2.0 flash disk module in a small form factor designed for embedded applications
More results

Similar Description - UDM35LSFSYR1HTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDM35V1D41 ETC2-EDM35V1D41 Datasheet
218Kb / 7P
Panel Meters and Controllers Panel Meter Modular
UDM40 ETC2-UDM40 Datasheet
668Kb / 11P
Digital Panel Meters Modular Indicator and Controller
USC-DIN ETC2-USC-DIN Datasheet
399Kb / 12P
Digital Panel Meters Modular signal conditioner
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
List of Unclassifed Man...
USCLSXSXR1AVHTX ETC2-USCLSXSXR1AVHTX Datasheet
402Kb / 12P
Digital Panel Meters Modular signal conditioner Type USC-DIN
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM35H CARLOGAVAZZI-LDM35H Datasheet
291Kb / 7P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM30AV1 CARLOGAVAZZI-LDM30AV1 Datasheet
128Kb / 4P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDI35CFD CARLOGAVAZZI-LDI35CFD Datasheet
66Kb / 3P
Panel Meters and Controllers Temperature Meter/Controller
LDI35AV0 CARLOGAVAZZI-LDI35AV0 Datasheet
65Kb / 3P
Panel Meters and Controllers Current and Voltage Meter/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com