Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDM35LSFSYR1HTX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UDM35LSFSYR1HTX
Description  Digital Panel Meters Modular Indicator and Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UDM35LSFSYR1HTX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UDM35LSFSYR1HTX Datasheet HTML 1Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 2Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 3Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 4Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 5Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 6Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 7Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 8Page - List of Unclassifed Manufacturers UDM35LSFSYR1HTX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Specifications are subject to change without notice
UDM35DS 040706
UDM35
RS422/RS485
(on request)
Module: BR SX
Serial output
Bidirectional (static and
dynamic variables).
LED
Display of data
reception/transmission
Connections
Multidrop, 2 or 4 wires
Distance
1000m
Terminalization
Directly on the module
by means of jumper
Addresses
1 to 255, selectable
by means of key-pad
Protocol
MODBUS RTU/JBUS
Data (bidirectional)
Dynamic (reading only)
Measurement, min value
max value
alarm status
Static (reading/writing)
All programming parameters,
min max reset
reset of latch alarm
Data format
8 data bit, no parity,
1 stop bit
Baud rate
selectable 4800, 9600,
19200 and 38400 bit/s
Insulation
By means of opto-couplers
4000 V
rms
output to
measuring inputs
4000 V
rms
output to
power supply input
RS232
(on request)
Module: BR SY
Serial output
Bidirectional (static and
dynamic variables)
Connections
3 wires,
Distance
max. 15m
Data format
1 start bit, 8 data bit,
no parity, 1 stop bit
Baud rate
Selectable 4800, 9600,
19200 and 38400 bit/s
Other features
Same as RS422/485
Alarm outputs
(on request)
Alarm type
Active alarm for out-of-range,
up alarm,
down alarm,
down alarm with
start-up deactivation,
up alarm with latch,
down alarm with latch
Alarm set-point
Adjustable from 0 to 100%
of displayed electric range
Hysteresis
0 to 100% of displayed range
On-time delay
0 to 255 s
Off-time delay
0 to 255 s
Output status
Selectable: normally
energized/de-energized
Min response time
500 ms, with filter excluded,
without alarm activation delay
Output channels
1 with BO R1 module (relay
output).
2, independent with module
BO R2 (2 relay outputs).
4, independent with BO R4
module (2 relay outputs +
2 open collector outputs).
BOR5 (4 relay outputs)
Relay output BO R1, R2, R4
Type SPDT
AC 1: 8A, 250VAC
DC 12: 5A, 24VDC
AC 15: 2,5A, 250VAC
DC 13: 2,5A, 24VDC
Relay output BOR5
Type SPDT (normally open)
AC 1: 5A, 250VAC
DC 12: 3A, 24VDC
AC 15: 1,5A, 250VAC
DC 13: 1,5A, 24VDC
Insulation
4000 VRMS output to
measuring input,
4000 VRMS output to
power supply input.
Open collector output
NPN transistor type
VON 1.2 VDC/ max. 100 mA
VOFF 30 VDC max.
Insulation
By means of opto-couplers,
4000 VRMS output to
measuring input,
4000 VRMS output to power
supply input
Analogue output
(on request)
Module: BO AV
Range
0 to 20 mADC, 0 to 10 VDC
Scaling factor
Programmable within the
whole retransmission range;
it allows to manage the
retransmission of all values
from 0 to 20 mA / 0 to 10V
Accuracy
± 0.2% FS (@ 25°C ± 5°C)
Response time
≤
10 ms
Temperature drift
± 200 ppm/°C
Load: 20 mA output
≤
700
Ω
10 V output
≥
10 k
Ω
Insulation
By means of optocouplers
4000V
rms
output to measuring
input
4000V
rms
output to power
supply input
Notes:
The two outputs cannot be
used at the same time
Excitation output
(on request)
BQ LSE module
Voltage
13 VDC ±10%
max. 50 mA
Insulation
25V
rms
output to
measuring input
4000 V
rms
output to
power supply input
BQ LSF module
Voltage
25 VDC ±10%
max. 25 mA
Insulation
25V
rms
output to
measuring input
4000 V
rms
output to
power supply input
Output specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com