Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002CT/B Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA8002CT/B
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/B Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA8002CT/B Datasheet HTML 19Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 20Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 21Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 22Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 23Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 24Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 25Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 26Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
FCE196
C8
10
µF
C3(2)
100 nF
C9
100 nF
C7
100 nF
C6(5)
470 nF
80C51
P1-0
P1-1
P1-2
P1-3
P1-4
P1-5
P1-6
P1-7
RST
P3-0
P3-1
P3-2
P3-3
P3-4
P3-5
P3-6
P3-7
XTAL2
XTAL1
VSS
VCC
P0-0
P0-1
P0-2
P0-3
P0-4
P0-5
P0-6
P0-7
EA
ALE
PSEN
P2-7
P2-6
P2-5
P2-4
P2-3
P2-2
P2-1
P2-0
IC2
IC1
VDD
VDD
28
27
26
25
24
23
22
21
30
29
38
37
36
35
34
33
32
31
40
39
1
2
3
4
5
15
6
7
8
9
10
16
17
18
19
20
11
12
13
14
TDA8002CG
C5I
C6I
C7I
C8I
C1I
C2I
C3I
C4I
C4
C3
C2
C1
C8
C7
C6
C5
(1) K1
K2
33 pF
33 pF
14.745 MHz
VDD
C2
10
µF
C1
100 nF
VDD
J1 1
3.3 V or 5 V
J1 2
ground
1
2
3
4
5
6
7
8
AUX1UC
STROBE
AUX2UC
CS
ALARM
CLKSEL
CLKDIV1
CLKDIV2
C4(3)
100 nF
C5(4)
470 nF
24
23
22
21
20
19
18
17
AUX2
RST
CLK
VCC
AUX1
CMDVCC
CV/TV
PRES
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
CARD READ
Fig.17 Application diagram (for more details, see
“Application note AN98054”).
TDA8002C should be placed as close as possible to the card reader.
(1) Contact normally open.
(2) C3 close to pin VCC of TDA8002C.
(3) C4 close to C1 contact of card reader.
(4) C5 close to VUP pin of TDA8002C.
(5) C6 as close as possible to pins S1 and S2.
CLK line may be shielded with respect to other lines.
Decoupling capacitors C7, C8 and C9 may be placed as close as possible to pin VDDA and VDDD.
A good ground plane is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com