Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002CT/B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8002CT/B
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/B Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8002CT/B Datasheet HTML 1Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 2Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 3Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 4Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 5Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 6Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 7Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 8Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1999 Oct 12
3
Philips Semiconductors
Product specification
IC card interface
TDA8002C
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
3.0
−
6.5
V
IDD(lp)
supply current
low-power
−−
150
µA
IDD(idle)
supply current
Idle mode; fCLKOUT = 10 MHz
−−
5mA
IDD(active)
supply current
active mode; VCC(O) =5V;
fCLKOUT =10MHz
fCLK = LOW; ICC = 100 µA
−−
8mA
fCLK = 5 MHz; ICC =10mA
−−
50
mA
fCLK = 5 MHz; ICC =55mA
−−
140
mA
active mode; VCC(O) =3V;
fCLKOUT =10MHz
fCLK = LOW; ICC = 100 µA
−−
8mA
fCLK = 5 MHz; ICC =10mA
−−
50
mA
fCLK = 5 MHz; ICC =55mA
−−
140
mA
Card supply
VCC(O)
output voltage
active mode for VCC =5V
ICC < 55 mA; DC load
4.6
−
5.4
V
ICC = 40 nAs; AC load
4.6
−
5.4
V
active mode for VCC =3V
ICC < 55 mA; DC load
2.76
−
3.24
V
ICC = 40 nAs; AC load
2.76
−
3.24
V
General
fCLK
card clock frequency
0
−
12
MHz
tde
deactivation sequence duration
60
80
100
µs
Ptot
continuous total power dissipation
TDA8002CT/x
Tamb = −25 to +85 °C
−−
0.56
W
TDA8002CG
Tamb = −25 to +85 °C
−−
0.46
W
Tamb
ambient temperature
−25
−
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com