Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5991GLU Datasheet(PDF) 7 Page - MPS Industries, Inc.

Part # MP5991GLU
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991GLU Datasheet(HTML) 7 Page - MPS Industries, Inc.

Back Button MP5991GLU Datasheet HTML 3Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 4Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 5Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 6Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 7Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 8Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 9Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 10Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 11Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
7
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2,
25, 26, 27,
28, 29, 30,
31, 32
VOUT
Output voltage. The VOUT pin is connected to the source of the integrated power
MOSFET.
3
D_OC
Over-current indication digital output. The D_OC pin is an open-drain output. In
standalone mode, D_OC is pulled low once the CS voltage (VCS) exceeds 85% of the
OCREF voltage (VOCREF). In slave mode, D_OC is pulled low once VCS exceeds the
OCWREF voltage (VOCWREF).
4
ON
MOSFET on/off control. Pull the ON pin above 1.4V to turn the power MOSFET on;
pull ON below 1.2V to turn it off. Do not float ON.
5
GOK
Intelli-Fuse fault reporting output. The GOK pin is an open-drain output. If a fault
occurs, then GOK is pulled low and latches. The following faults that can trigger GOK:
an input over-voltage (OV) fault, an output over-current (OC) fault, a short circuit (SC)
fault, an over-temperature (OT) fault, or a MOSFET health fault.
6
FLT_TYPE
Intelli-Fuse fault type indication output. If a fault occurs, then the FLT_TYPE pin
indicates a voltage level based on the fault type.
7
NC
Not connected. Float the NC pin.
8
MODE
Mode selection. Connect a resistor between the MODE and GND pins to select the
operation mode (latch-off mode, hiccup mode, or slave mode).
9, 10, 11,
12, 13, 14,
15, 16, 33
VIN
System input power supply. The VIN pin is connected to the drain of the MOSFET.
17
SCREF_
OCWREF
Multifunctional (short-circuit current limit and over-current warning reference in
slave mode). The SCREF_OCWREF pin is a multifunctional pin. To select the short-
circuit current limit (ILIMIT_SC), the MP5991 samples the SCREF voltage (VSCREF) during
the MOSFET turn-on insertion delay time (tON_DELAY). Then the device can set ILIMIT_SC
to 40A, 60A, 80A, 100A, or 120A. SCREF_OCWREF is also used as the OC warning
reference in slave mode.
18
VTEMP
Junction temperature sense output. Place a
≤1nF capacitor and a ≥10kΩ resistor
in parallel on the VTEMP pin.
19
SS
Soft-start time setting. An external capacitor connected to the SS pin sets the soft-
start time (tSS). The internal circuitry controls the output voltage (VOUT) slew rate
during start-up.
20
GND
Signal ground.
21
VDD33
Internal 3.3V LDO output. Place a
≥1µF decoupling capacitor close to the VDD33
and GND pins.
22
IMON
Current monitor output. The IMON pin reports the current flowing through the power
device. Connect a resistor between the IMON and GND pins to generate the IMON
voltage (VIMON). Place a 2.2nF to 100nF capacitor in parallel to reduce noise and
maintain a smooth voltage.
23
CS
Current-sense output. VCS is compared to VOCREF to determine the OC limit. The CS
pin is also used to assert D_OC. If VCS exceeds 85% of VOCREF in standalone mode,
then D_OC is pulled low. If VCS exceeds VOCWREF in slave mode, then D_OC is pulled
low. Connect a resistor between the CS and GND pins to generate VCS.
24
OCREF
Current-limit reference voltage input. Connect a 1nF to 10nF capacitor between
the OCREF and GND pins to reduce noise and maintain a smooth voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com