Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5991GLU Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MP5991GLU
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991GLU Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MP5991GLU Datasheet HTML 8Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 9Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 10Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 11Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 12Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 13Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 14Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 15Page - MPS Industries, Inc. MP5991GLU Datasheet HTML 16Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
12
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, RCS = RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
1500
1700
1900
2100
2300
2500
2700
2900
-40 -20
0
20 40 60 80 100 120 140
TEMPERATURE (°C)
Quiescent Current vs.
Temperature
V
IN = 12V, ON is low
1500
1700
1900
2100
2300
2500
2700
2900
3100
-40 -20
0
20 40 60 80 100 120 140
TEMPERATURE ( C)
Quiescent Current vs.
Temperature
V
IN = 12V, ON is high
2100
2150
2200
2250
2300
2350
2400
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
Quiescent Current vs. Input
Voltage
ON is low
2100
2200
2300
2400
2500
2600
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
Quiescent Current vs. Input
Voltage
ON is high
-1
-0.8
-0.6
-0.4
-0.2
0
0
4
8
12 16 20 24 28 32 36 40
I
VDD33 (mA)
VDD33 Load Regulation
1.15
1.2
1.25
1.3
1.35
1.4
1.45
-40 -20
0
20 40 60 80 100 120 140
TEMPERATURE ( C)
ON Threshold vs. Temperature
ON Rising
ON Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com