Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002AT/3 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA8002AT/3
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002AT/3 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA8002AT/3 Datasheet HTML 11Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 12Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 13Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 14Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 15Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 16Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 17Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 18Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1997 Nov 04
15
Philips Semiconductors
Product specification
IC card interface
TDA8002
CHARACTERISTICS
VDD = 5 V; Tamb =25 °C; fxtal = 10 MHz; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
positive supply voltage
option 5 V power supply
(TDA8002xx/5)
4.5
5
6.5
V
option 3.3 V or 5 V power
supply (TDA8002xx/3)
3
5
6.5
V
IDD(sl)
supply current
sleep mode; VDD =5V
−−
200
µA
IDD(idle)
supply current
idle mode; VDD =5V;
fCLK = 2.5 MHz;
fCLKOUT = 10 MHz
−−
6mA
IDD(active)
supply current
active mode
VDD =5V;
fCLK = 2.5 MHz;
fCLKOUT =10MHz
−−
9mA
VDD = 3.3 V;
fCLK = 2.5 MHz;
fCLKOUT =10MHz
−−
12
mA
Vth2
threshold voltage on VDD for
voltage supervisor
falling
option 5 V power supply
(TDA8002xx/5)
3.9
4.05
4.2
V
option 3.3 V or 5 V power
supply (TDA8002xx/3)
2.6
2.7
2.8
V
rising
option 5 V power supply
(TDA8002xx/5)
4
4.2
4.4
V
option 3.3 or 5 V power
supply (TDA8002xx/3)
2.7
2.85
2.99
V
Vhys2
hysteresis on Vth2
100
150
200
mV
CARD SUPPLY
VCC(O)(idle)
output voltage
idle mode
−−
0.4
V
VCC(O)(active) output voltage
active mode
ICC < 20 mA: DC load
with 3V<VDD < 3.3 V
4.75
−
5.25
V
ICC < 65 mA: DC load
with 3.3 V < VDD < 6.5 V
4.75
−
5.25
V
ICC = 40 mA: AC load
4.6
−
5.4
V
ICC(O)
output current
VCC(O) = from 0 to 5 V
−−
65
mA
VCC short-circuited to
ground
−−
100
mA
SR
slew rate
rising or falling slope
0.12
0.17
0.22
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com