Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002AT/3 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8002AT/3
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002AT/3 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8002AT/3 Datasheet HTML 12Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 13Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 14Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 15Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 16Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 17Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 18Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 19Page - NXP Semiconductors TDA8002AT/3 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1997 Nov 04
16
Philips Semiconductors
Product specification
IC card interface
TDA8002
Crystal connections (XTAL1 and XTAL2)
Cext
external capacitors
note 1
−
15
−
pF
fxtal
resonance frequency
note 2
2
−
24
MHz
Data lines
GENERAL
tedge
delay between falling edge of
I/O, AUX1, AUX2 and I/OUC,
AUX1UC, AUX2UC
−
200
−
ns
delay between falling edge of
I/OUC, AUX1UC, AUX2UC and
I/O, AUX1, AUX2
−
200
−
ns
tr, tf
rise and fall times
Ci =Co =30pF
−−
0.5
µs
DATA LINES I/O, AUX1 AND AUX2
VOH(I/O)
HIGH-level output voltage on
data lines
IOH = −20 µAVCC − 0.5 −
VCC + 0.1 V
IOH = −100 µA
3.5
−−
V
VOL(I/O)
LOW-level output voltage on
data lines
II/O =1mA
−−
300
mV
VIH(I/O)
HIGH-level input voltage on data
lines
1.8
−
VCC
V
VIL(I/O)
LOW-level input voltage on data
lines
0
−
0.8
V
VI/O(idle)
voltage on data lines outside a
session
−−
0.4
V
Rpu
internal pull-up resistance
between data lines and VCC
810
12
k
Ω
Iedge
current from data lines when
active pull-up is active
−
1
−
mA
IIL(I/O)
LOW-level input current on data
lines
VIL = 0.4 V
−−−600
µA
IIH(I/O)
HIGH-level input current on data
lines
VIH =VCC
−−
10
µA
DATA LINES I/OUC, AUX1UC AND AUX2UC
VOH(I/OUC)
HIGH-level output voltage on
data lines
IOH = −20 µAVDD − 1
−
VDD + 0.2 V
VOL(I/OUC)
LOW-level output voltage on
data lines
II/OUC =1mA
−−
300
mV
VIH(I/OUC)
HIGH-level input voltage on data
lines
0.7VDD
−
VDD
V
VIL(I/OUC)
LOW-level input voltage on data
lines
0
−
0.3VDD
V
ZI/OUC(idle)
impedance on data lines outside
a session
10
−−
M
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com