Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD538AD Datasheet(PDF) 1 Page - Analog Devices

Part # AD538AD
Description  Real-Time Analog Computational Unit (ACU)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538AD Datasheet(HTML) 1 Page - Analog Devices

  AD538AD Datasheet HTML 1Page - Analog Devices AD538AD Datasheet HTML 2Page - Analog Devices AD538AD Datasheet HTML 3Page - Analog Devices AD538AD Datasheet HTML 4Page - Analog Devices AD538AD Datasheet HTML 5Page - Analog Devices AD538AD Datasheet HTML 6Page - Analog Devices AD538AD Datasheet HTML 7Page - Analog Devices AD538AD Datasheet HTML 8Page - Analog Devices AD538AD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Real-Time Analog
Computational Unit (ACU)
AD538
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
VO = VY(VZ/VX)m transfer function
Wide dynamic range (denominator) −1000:1
Simultaneous multiplication and division
Resistor-programmable powers and roots
No external trims required
Low input offsets <100 μV
Low error ±0.25% of reading (100:1 range)
Monolithic construction
Real-time analog multiplication, division and
exponentiation
High accuracy analog division with a wide input dynamic range
On board +2 V or +10 V scaling reference
Voltage and current (summing) input modes
Monolithic construction with lower cost and higher
reliability than hybrid and modular circuits
APPLICATIONS
One- or two-quadrant multiply/divide
Log ratio computation
Squaring/square rooting
Trigonometric function approximations
Linearization via curve fitting
Precision AGC
Power functions
FUNCTIONAL BLOCK DIAGRAM
VO
A
B
D
VX
VZ
VY
+10V
+2V
C
I
IX
IZ
IY
100Ω
100Ω
25kΩ
25kΩ
AD538
LOG
RATIO
25kΩ
OUTPUT
ANTILOG
INTERNAL
VOLTAGE
REFERENCE
LOG
Figure 1.
GENERAL DESCRIPTION
The AD538 is a monolithic real-time computational circuit
that provides precision analog multiplication, division, and
exponentiation. The combination of low input and output offset
voltages and excellent linearity results in accurate computation
over an unusually wide input dynamic range. Laser wafer
trimming makes multiplication and division with errors as low
as 0.25% of reading possible, while typical output offsets of
100 μV or less add to the overall off-the-shelf performance level.
Real-time analog signal processing is further enhanced by the
400 kHz bandwidth of the device.
The overall transfer function of the AD538 is VO = VY(VZ/VX)m.
Programming a particular function is via pin strapping. No
external components are required for one-quadrant (positive
input) multiplication and division. Two-quadrant (bipolar
numerator) division is possible with the use of external level
shifting and scaling resistors. The desired scale factor for both
multiplication and division can be set using the on-chip +2 V or
+10 V references, or controlled externally to provide simultaneous
multiplication and division. Exponentiation with an m value
from 0.2 to 5 can be implemented with the addition of one or
two external resistors.
Direct log ratio computation is possible by using only the log
ratio and output sections of the chip. Access to the multiple
summing junctions adds further to the flexibility of the AD538.
Finally, a wide power supply range of ±4.5 V to ±18 V allows
operation from standard ±5 V, ±12 V and ±15 V supplies.
The AD538 is available in two accuracy grades (A and B) over
the industrial (−25°C to +85°C) temperature range and one
grade (S) over the military (−55°C to +125°C) temperature
range. The device is packaged in an 18-lead TO-118 hermetic
side-brazed ceramic DIP. A-grade chips are also available.


Similar Part No. - AD538AD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538AD AD-AD538AD Datasheet
167Kb / 11P
Real-Time Analog Computational Unit ACU
AD538AD AD-AD538AD Datasheet
511Kb / 17P
Real-Time Analog Computational Unit (ACU)
Rev. E
AD538ADZ AD-AD538ADZ Datasheet
511Kb / 17P
Real-Time Analog Computational Unit (ACU)
Rev. E
More results

Similar Description - AD538AD

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
REAL TIME CLOCK
logo
Analog Devices
AD538 AD-AD538 Datasheet
167Kb / 11P
Real-Time Analog Computational Unit ACU
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
Real time clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
Real Time Clock
logo
Analog Devices
AD538BDZ AD-AD538BDZ Datasheet
511Kb / 17P
Real-Time Analog Computational Unit (ACU)
Rev. E
AD538 AD-AD538_15 Datasheet
547Kb / 17P
Real-Time Analog Computational Unit
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com