Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD536ASH Datasheet(PDF) 1 Page - Analog Devices

Part # AD536ASH
Description  Integrated Circuit True RMS-to-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD536ASH Datasheet(HTML) 1 Page - Analog Devices

  AD536ASH Datasheet HTML 1Page - Analog Devices AD536ASH Datasheet HTML 2Page - Analog Devices AD536ASH Datasheet HTML 3Page - Analog Devices AD536ASH Datasheet HTML 4Page - Analog Devices AD536ASH Datasheet HTML 5Page - Analog Devices AD536ASH Datasheet HTML 6Page - Analog Devices AD536ASH Datasheet HTML 7Page - Analog Devices AD536ASH Datasheet HTML 8Page - Analog Devices AD536ASH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated Circuit
True RMS-to-DC Converter
Data Sheet
AD536A
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1976–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
True rms-to-dc conversion
Laser trimmed to high accuracy
±0.2% maximum error (AD536AK)
±0.5% maximum error (AD536AJ)
Wide response capability
Computes rms of ac and dc signals
450 kHz bandwidth: V rms > 100 mV
2 MHz bandwidth: V rms > 1 V
Signal crest factor of 7 for 1% error
dB output with 60 dB range
Low power: 1.2 mA quiescent current
Single- or dual-supply operation
Monolithic integrated circuit
−55°C to +125°C operation (AD536AS)
GENERAL DESCRIPTION
The AD536A is a complete monolithic integrated circuit that
performs true rms-to-dc conversion. It offers performance
comparable or superior to that of hybrid or modular units costing
much more. The AD536A directly computes the true rms value of
any complex input waveform containing ac and dc components.
A crest factor compensation scheme allows measurements with 1%
error at crest factors up to 7. The wide bandwidth of the device
extends the measurement capability to 300 kHz with less than 3 dB
errors for signal levels greater than 100 mV.
An important feature of the AD536A, not previously available
in rms converters, is an auxiliary dB output pin. The logarithm
of the rms output signal is brought out to a separate pin to allow
the dB conversion, with a useful dynamic range of 60 dB. Using
an externally supplied reference current, the 0 dB level can be
conveniently set to correspond to any input level from 0.1 V to
2 V rms.
The AD536A is laser trimmed to minimize input and output offset
voltage, to optimize positive and negative waveform symmetry
(dc reversal error), and to provide full-scale accuracy at 7 V rms.
As a result, no external trims are required to achieve the rated
unit accuracy.
The input and output pins are fully protected. The input circuitry
can take overload voltages well beyond the supply levels. Loss of
supply voltage with the input connected to external circuitry does
not cause the device to fail. The output is short-circuit protected.
FUNCTIONAL BLOCK DIAGRAM
dB
BUFFER IN
VIN
25kΩ
80kΩ
25kΩ
CAV
+VS
–VS
+VS
COM
AD536A
RL
IOUT
BUFFER
OUT
CURRENT
MIRROR
SQUARER/
DIVIDER
ABSOLUTE
VALUE
+
BUF
Figure 1.
The AD536A is available in two accuracy grades (J and K) for
commercial temperature range (0°C to 70°C) applications, and
one grade (S) rated for the −55°C to +125°C extended range.
The AD536AK offers a maximum total error of ±2 mV ± 0.2%
of reading, while the AD536AJ and AD536AS have maximum
errors of ±5 mV ± 0.5% of reading. All three versions are available
in a hermetically sealed 14-lead DIP or a 10-pin TO-100 metal
header package. The AD536AS is also available in a 20-terminal
leadless hermetically sealed ceramic chip carrier.
The AD536A computes the true root-mean-square level of a
complex ac (or ac plus dc) input signal and provides an equiva-
lent dc output level. The true rms value of a waveform is a more
useful quantity than the average rectified value because it relates
directly to the power of the signal. The rms value of a statistical
signal also relates to its standard deviation.
An external capacitor is required to perform measurements to the
fully specified accuracy. The value of this capacitor determines the
low frequency ac accuracy, ripple amplitude, and settling time.
The AD536A operates equally well from split supplies or a
single supply with total supply levels from 5 V to 36 V. With
1 mA quiescent supply current, the device is well suited for a
wide variety of remote controllers and battery-powered
instruments.


Similar Part No. - AD536ASH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD536ASH AD-AD536ASH Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD536ASH AD-AD536ASH Datasheet
558Kb / 17P
Integrated Circuit True RMS-to-DC Converter
Rev. E
AD536ASH/883B AD-AD536ASH/883B Datasheet
558Kb / 17P
Integrated Circuit True RMS-to-DC Converter
Rev. E
More results

Similar Description - AD536ASH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD536A AD-AD536A Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD636 AD-AD636 Datasheet
157Kb / 8P
Low Level, True RMS-to-DC Converter
REV.B
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
LH0091 True RMS to DC Converter
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636_13 Datasheet
444Kb / 16P
Low Level, True RMS-to-DC Converter
REV. E
AD536AJHZ AD-AD536AJHZ Datasheet
558Kb / 17P
Integrated Circuit True RMS-to-DC Converter
Rev. E
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
TRUE RMS TO DC CONVERTER
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
Integrated Circuit True RMS-to-DC Converter
Rev. F
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
True RMS-to-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com