Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD637JRZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD637JRZ-R7
Description  High Precision, Wideband RMS-to-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JRZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD637JRZ-R7 Datasheet HTML 11Page - Analog Devices AD637JRZ-R7 Datasheet HTML 12Page - Analog Devices AD637JRZ-R7 Datasheet HTML 13Page - Analog Devices AD637JRZ-R7 Datasheet HTML 14Page - Analog Devices AD637JRZ-R7 Datasheet HTML 15Page - Analog Devices AD637JRZ-R7 Datasheet HTML 16Page - Analog Devices AD637JRZ-R7 Datasheet HTML 17Page - Analog Devices AD637JRZ-R7 Datasheet HTML 18Page - Analog Devices AD637JRZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Data Sheet
AD637
A preferable ripple reduction method is to use a post conversion
one or two-pole low-pass filter, as shown in Figure 11. Usually
a single-pole filter gives the best overall compromise between
ripple and settling time. Use the two-pole Sallen-Key for more
ripple attenuation.
1
25kΩ
DEN
INPUT
BUFF IN
BUFF
OUT
SQUARER/
DIVIDER
CS
dB
OUTPUT
3 COMMON
ABSOLUTE
VALUE
BIAS
2 NIC
4
OUTPUT
OFFSET
4.7kΩ
+VS
5
25kΩ
6
7
8
9
10
11
12
NIC
13
14
VIN
VIN
CAV
CAV
+
RX
24kΩ
DIVIDER
C2
24kΩ
+
C3
+
RMS
OUT
AD637
FOR A 1 POLE
FILTER SHORT RX
AND REMOVE C3
+
+
+
–VS
–VS
+VS
+VS
NIC = NO INTERNAL CONNECTION
Figure 11. 2-Pole Sallen-Key Filter
Figure 12 shows values of CAV and the corresponding averaging
error as a function of sine wave frequency for the standard rms
connection. The 1% settling time is shown on the right side of
Figure 12.
Figure 13 shows the relationship between the averaging error,
signal frequency settling time, and averaging capacitor value.
Figure 13 is drawn for filter capacitor values of 3.3× the
averaging capacitor value. This ratio sets the magnitude of
the ac and dc errors equal at 50 Hz. As an example, by using a
1 µF averaging capacitor and a 3.3 µF filter capacitor, the ripple
for a 60 Hz input signal is reduced from 5.3% of the reading
using the averaging capacitor alone to 0.15% using the 1-pole
filter. This gives a factor of 30 reduction in ripple, and yet the
settling time only increases by a factor of 3. The values of
Filter Capacitor CAV and Filter Capacitor C2 can be calculated
for the desired value of averaging error and settling time by
using Figure 13.
The symmetry of the input signal also has an effect on the
magnitude of the averaging error. Table 7 gives the practical
component values for various types of 60 Hz input signals.
These capacitor values can be directly scaled for frequencies
other than 60 Hz—that is, for 30 Hz, these values are doubled,
and for 120 Hz they are halved.
Use Figure 14 to determine the required value of CAV, C2, and
C3 for the desired level of ripple and settling time.
INPUT FREQUENCY (Hz)
100
0.01
1
100k
10
100
1k
10k
10
1.0
0.1
100
0.01
10
1.0
0.1
Figure 12. Values for CAV and 1% Settling Time for Stated % of Reading; Averaging
Error (% DC Error + % Ripple (Peak)); Accuracy Includes ±20% Component
Tolerance
INPUT FREQUENCY (Hz)
100
0.01
1
100k
10
100
1k
10k
10
1
0.1
100
0.01
10
1
0.1
Figure 13. Values of CAV, C2, and 1% Settling Time for Stated % of Reading for
1-Pole Post Filter; Averaging Error (% DC Error + % Ripple (Peak) Accuracy
±20% Due to Component Tolerance)
INPUT FREQUENCY (Hz)
100
0.01
1
100k
10
100
1k
10k
10
1
0.1
100
0.01
10
1
0.1
Figure 14. Values of CAV, C2, and C3 and 1% Settling Time for Stated % of
Reading for 2-Pole Sallen-Key Filter; Averaging Error (% DC Error + %Ripple
(Peak) Accuracy ±20% Due to Component Tolerance)
Rev. L | Page 15 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com