Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD637JRZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD637JRZ-R7
Description  High Precision, Wideband RMS-to-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JRZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD637JRZ-R7 Datasheet HTML 15Page - Analog Devices AD637JRZ-R7 Datasheet HTML 16Page - Analog Devices AD637JRZ-R7 Datasheet HTML 17Page - Analog Devices AD637JRZ-R7 Datasheet HTML 18Page - Analog Devices AD637JRZ-R7 Datasheet HTML 19Page - Analog Devices AD637JRZ-R7 Datasheet HTML 20Page - Analog Devices AD637JRZ-R7 Datasheet HTML 21Page - Analog Devices AD637JRZ-R7 Datasheet HTML 22Page - Analog Devices AD637JRZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
AD637
NOTES
1. VALUES CHOSEN TO GIVE 0.1% AVERAGING ERROR AT 1Hz.
2. NIC = NO INTERNAL CONNECTION.
BUFFER
AD637
SQUARER/
DIVIDER
BIAS
SECTION
25kΩ
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CAV
+
ABSOLUTE
VALUE
NIC
SIGNAL
INPUT
NIC
AD548JN
FILTERED
V RMS OUTPUT
1µF
1000pF
6.8MΩ
1MΩ
R
V RMS
4.7kΩ
BUFF
OUT
COMMON
OUTPUT
OFFSET
BUFF IN
CS
DEN
INPUT
dB OUTPUT
VIN
RMS
OUT
–VS
+VS
CAV1
3.3µF
499k
Ω 1%
VIN2
–VS
+VS
100µF
V–
3
2
4
7
6
V+
3.3MΩ
3.3MΩ
1µF
+VS
+VS
–VS
50kΩ
OUTPUT
OFFSET
ADJUST
25kΩ
Figure 21. AD637 as a Low Frequency RMS Converter
LOW FREQUENCY MEASUREMENTS
If the frequencies of the signals to be measured are below 10 Hz,
the value of the averaging capacitor required to deliver even 1%
averaging error in the standard rms connection becomes
extremely large. Figure 21 shows an alternative method of
obtaining low frequency rms measurements. Determine the
averaging time constant by the product of R and CAV1, in this
circuit, 0.5 sec/µF of CAV. This circuit permits a 20:1 reduction
in the value of the averaging capacitor, permitting the use of
high quality tantalum capacitors. It is suggested that the 2-pole,
Sallen-Key filter shown in Figure 21 be used to obtain a low
ripple level and minimize the value of the averaging capacitor.
If the frequency of interest is below 1 Hz, or if the value of
the averaging capacitor is still too large, increase the 20:1 ratio.
This is accomplished by increasing the value of R. If this is
done, it is suggested that a low input current, low offset voltage
amplifier, such as the AD548, be used instead of the internal
buffer amplifier. This is necessary to minimize the offset error
introduced by the combination of amplifier input currents and
the larger resistance.
VECTOR SUMMATION
Use two AD637s for vector summation as shown in Figure 22.
Here, the averaging capacitors are omitted (nominal 100 pF
capacitors are used to ensure stability of the filter amplifier), and
the outputs are summed as shown. The output of the circuit is
2
2
Y
X
OUT
V
V
V
+
=
This concept can be expanded to include additional terms by
feeding the signal from Pin 9 of each additional AD637 through
a 10 kΩ resistor to the summing junction of the AD711 and
tying all of the denominator inputs (Pin 6) together.
If CAV is added to IC1 in this configuration, then the output is
2
2
Y
X
V
V +
If the averaging capacitor is included on both IC1 and IC2, the
output is
2
2
Y
X
V
V +
This circuit has a dynamic range of 10 V to 10 mV and is
limited only by the 0.5 mV offset voltage of the AD637.
The useful bandwidth is 100 kHz.
Rev. L | Page 19 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com