Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-40V Datasheet(PDF) 1 Page - CUI Devices

Part # PD-40V
Description  POWER DIN JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PD-40V Datasheet(HTML) 1 Page - CUI Devices

  PD-40V Datasheet HTML 1Page - CUI Devices PD-40V Datasheet HTML 2Page - CUI Devices PD-40V Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 03/31/2020
page 1 of 3
MODEL: PD-40V
│ DESCRIPTION: POWER DIN JACK
cuidevices.com
FEATURES
• PCB mount
• vertical
• non-shielded
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
20
Vdc
rated input current
all pins
7.5
A
contact resistance
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion force
4.5
kgf
withdrawal force
0.9
3.0
kgf
operating temperature
-25
70
°C
storage temperature
-25
70
°C
life
5,000
cycles
flammability rating
UL94V-0
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 3~5 seconds
350
360
370
°C
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PD-40V

ManufacturerPart #DatasheetDescription
logo
CUI INC
PD-40V CUI-PD-40V Datasheet
93Kb / 2P
4 PIN POWER DIN
PD-40VS CUI-PD-40VS Datasheet
97Kb / 2P
4 PIN POWER DIN
logo
CUI Devices
PD-40VS CUID-PD-40VS Datasheet
370Kb / 3P
POWER DIN JACK
03/31/2020
More results

Similar Description - PD-40V

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DJ-00X-5 ADAM-TECH-DJ-00X-5 Datasheet
101Kb / 1P
DIN JACK
MPJ-3P ADAM-TECH-MPJ-3P Datasheet
90Kb / 1P
MINI DIN POWER JACK
MPJ-3P-S ADAM-TECH-MPJ-3P-S Datasheet
176Kb / 1P
MINI DIN POWER JACK
MPJ-3P-S-HT ADAM-TECH-MPJ-3P-S-HT Datasheet
174Kb / 1P
MINI DIN POWER JACK
MPJ-4P ADAM-TECH-MPJ-4P Datasheet
163Kb / 1P
MINI DIN POWER JACK
MPJ-4P-S ADAM-TECH-MPJ-4P-S Datasheet
173Kb / 1P
MINI DIN POWER JACK
MPJ-4P-S-HT ADAM-TECH-MPJ-4P-S-HT Datasheet
173Kb / 1P
MINI DIN POWER JACK
MPJ-4P-V-S ADAM-TECH-MPJ-4P-V-S Datasheet
172Kb / 1P
MINI DIN POWER JACK
MP-X-D ADAM-TECH-MP-X-D Datasheet
77Kb / 1P
MINI DIN POWER JACK
MP-XX-D ADAM-TECH-MP-XX-D Datasheet
81Kb / 1P
MINI DIN POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com