Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-40V Datasheet(PDF) 2 Page - CUI Devices

Part # PD-40V
Description  POWER DIN JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PD-40V Datasheet(HTML) 2 Page - CUI Devices

  PD-40V Datasheet HTML 1Page - CUI Devices PD-40V Datasheet HTML 2Page - CUI Devices PD-40V Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cuidevices.com
CUI Devices
│ MODEL: PD-40V │ DESCRIPTION: POWER DIN JACK
date 03/31/2020
│ page 2 of 3
5.00 0.197
3.80 0.150
2.40 0.094
10.60 0.417
8.80 0.346
1.60 0.063
1.70 0.067
(4PLCS)
8.80 0.346
1.60 0.063
2.40 0.094
3.80 0.150
10.60 0.417
8.80 0.346
8.80 0.346
5.00 0.197
3
2
1
4
0.059
0.2 (4PLCS)
1.50
1.50 0.059
0.20 (4PLCS)
14.90 0.587
14.90 0.587
4
2
1
(4PLCS)
(2PLCS)
2.2X0.8
1.9X0.7
3
0.071
0.20 (2PLCS)
0.504
12.80
0.441
11.20
0.020
0.50
0.169
4.30
2.00 0.079
1.80
3.50 0.138
MECHANICAL DRAWING
MATERIAL
PLATING
housing
PBT
cover
PBT
black
contact terminal
0.3T phoshor bronze
silver
inner shield
0.4T bronze
nickel
Recommended PCB Layout
Top View
units: mm[inch]
tolerance: ±0.3 mm
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com