Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD23/09-1ZP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HFD23/09-1ZP
Description  SUBMINIATURE SIGNAL RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HFD23/09-1ZP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HFD23/09-1ZP Datasheet HTML 1Page - List of Unclassifed Manufacturers HFD23/09-1ZP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S_hmcncp_?6:5gW@ Sn[h^[l^? 755gW
Fcf_ Ni3?E6889=6
Fcf_ Ni3?CQC57556556>9=
Dc_f_]nlc]
mnl_hanb
HONGFA RELAY
Cicf jiq_l
0DANOLDM
ISO>556TISO4TS6;>9> TISO69556 TOHSAS6=556 CERTIFIED
755< R_p3 7355
6JNDM* Ohfs mig_ nsjc][f l[ncham [l_ fcmn_^ [\ip_3 I` gil_ ^_n[cfm [l_
l_kocl_^1 jf_[m_ ]ihn[]n om3
20.}~
63:
8
:
;
>
67
79
6375
7395
9355
93=5
<375
>3;5
6>375
536:
5385
53:5
53;5
53>5
6375
7395
737:
93:
<3:
>35
683:
6=35
8;35
63:
8
:
;
>
67
79
6375
7395
9355
93=5
<375
>3;5
6>375
536:
5385
53:5
53;5
53>5
6375
7395
Cihn[]n [ll[ha_g_hn
Cihn[]n l_mcmn[h]_
Cihn[]n g[n_lc[f
Cihn[]n l[ncha .R_m3 fi[^/
M[r3 mqcn]bcha pifn[a_
M[r3 mqcn]bcha ]oll_hn
M[r3 mqcn]bcha jiq_l
Mch3 j_lgcmmc\f_ fi[^
Ihmof[ncih l_mcmn[h]_
B_nq__h ]icf - ]ihn[]nm
B_nq__h ij_h ]ihn[]nm
Oj_l[n_ ncg_ .[n higc3 pifn3/
R_f_[m_ ncg_ .[n higc3 pifn3/
Bioh]_ ncg_ .[n higc3pifn3/
T_gj_l[nol_ lcm_ .[n higc3pifn3/
Sbi]e l_mcmn[h]_
Vc\l[ncih l_mcmn[h]_
Hogc^cns
Ag\c_hn n_gj_l[nol_
Uhcn q_cabn
T_lgch[ncih
Cihmnlo]ncih
:<,5363+;<9/ :316+4 9/4+?
-76;+-; .+;+
-2+9+-;/93:;3-:
-734
Nigch[f
Vifn[a_
VDC
Pc]e2oj
Vifn[a_
VDC
Dlij2ion
Vifn[a_
VDC
-734 .+;+
:NAICALC ;RKD
:DIMFNFPD ;RKD
Nigch[f
Vifn[a_
VDC
Pc]e2oj
Vifn[a_
VDC
Dlij2ion
Vifn[a_
VDC
M_]b[hc][f _h^ol[h]_
Ef_]nlc][f _h^ol[h]_
6r65<OPS .855OPS4gch3/
6r65: OPS .85OPS4gch3/
V M[r37A mqcn]bcha ][j[\cfcns
V Hcab m_hmcncp_? 6:5gW
V 6 Filg C ]ih`caol[ncih
V W[mb ncabn nsj_ [p[cf[\f_
V Ehpclihg_hn[f `lc_h^fs jli^o]n .RiHS ]igjfc[hn/
V Oonfch_ Dcg_hmcihm? .673: r <3: r 6535/ gg
6C
655g .[n 536A ;VDC/
AaNc 0Ao jf[n_^
53:A67:VAC 4 6A 85VDC
67:VAC 4 ;5VDC
7A
;73:VA 4 85W
6gA :V
6638 r .6 65,/
9:r.6 65,/
67:r.6 65,/
6=5r.6 65,/
95:r.6 65,/
<75r.6 65,/
7==5 r .6 6:,/
6:r.6 65,/
;5r.6 65,/
6;<r.6 65,/
795r.6 65,/
:95r.6 65,/
>;5r.6 65,/
8=95 r .6 6:,/
6555M .[n :55VDC/
6555VAC 6gch
955VAC 6gch
:gm g[r3
:gm g[r3
:gm g[r3
;:K g[r3
655g4m7 .65a/
65Ht ni ::Ht 838gg DA
8:, ni =:, RH
285 ni <5
Ajjlir3 737a
PCB .DIP/
W[mb ncabn
Cicf
R_mcmn[h]_
Cicf
R_mcmn[h]_
:+0/;? +8897=+4 9+;361:
<4z-<9
635A 85VDC
538A ;5VDC
53:A 67:VAC
.6:5gW/
.755gW/
.JRC278F/
[n 78
M[r3
Affiq[\f_
Vifn[a_
VDC
M[r3
Affiq[\f_
Vifn[a_
VDC
737:
93:
<3:
>35
683:
6=35
8;35
88
6JNDM* Tb_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m3


Similar Part No. - HFD23/09-1ZP

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD23/012-1Z-S HONGFA-HFD23/012-1Z-S Datasheet
60Kb / 3P
Max. 4A switching capability
More results

Similar Description - HFD23/09-1ZP

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS SANYOU-SYS Datasheet
183Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com